Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM0509 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SM0509
Description  CERAMIC MELF PIN DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM0509 Datasheet(HTML) 2 Page - Microsemi Corporation

  SM0509 Datasheet HTML 1Page - Microsemi Corporation SM0509 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Control Devices
Microsemi – Lowell
75 Technology Drive, Lowell, MA 01851 Tel. (978) 442-5600
CERAMIC MELF
ELECTRICAL SPECIFICATION AT 2
5°C
PART
NO.
CASE STYLE
SUGGESTED
VOLTAGE
RATING
IR < 10µa
VR
TOTAL
CAPACITANCE
F = 1 MHz
VR=50V
pF (MAX)
SERIES
RESISTANCE
If=100mA
F=100MHz
OHM (MAX)
SERIES
RESISTANCE
If=200mA
F=100MHz
OHM (TYP)
CARRIER
LIFETIME
If=10mA
µSEC (TYP)
TYPICAL
THERMAL
RESISTANCE
°C/W
SM0502
M1
500
0.50
0.70
0.55
1.0
35
SM0504
M1
500
0.60
0.60
0.45
1.5
20
SM0508
M1
500
0.90
0.40
0.25
2.0
15
SM0509
M1
500
1.20
0.35
0.20
2.5
15
SM0511
M1
500
1.25
0.30
0.15
3.0
15
SM0512
M1
500
1.50
0.25
0.12
3.5
15
SM0812
M1
700
1.30
0.40
0.25
4.0
15
SM1001
M1
700
1.30
0.35
0.20
4.5
15
SM1002
M1
50
1.20
.75 @50mA
0.20
4.0
15
SM1003
M1
35
1.2 @ 20V
.50 @ 10mA
0.10
0.6
25
ABSOLUTE MAXIMUM RATINGS AT 2
5°C
Peak Inverse Voltage (PIV):
Same as VB
Forward Current (IF):
1 AMP (
1µS Pulse)
Power Dissipation (PD):
JC
MAX
J
MAX
J
T
θ
β
)
(
=
Junction Temp. (Operating):
-5
5°C to +150°C
Storage Temp. (Non-Operating):
-5
5°C to +150°C
:
TOC
Case style M2 available as special option / some
limitations apply / consult factory for details.
M1
M2
INCHES
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.080
0.095
0.100
0.120
B
0.115
0.135
0.188
0.205
C
0.008
0.030
0.008
0.030
Non-magnetic packages are available upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com