Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5303 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CD5303
Description  CURRENT REGULATOR CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CD5303 Datasheet(HTML) 1 Page - Microsemi Corporation

  CD5303 Datasheet HTML 1Page - Microsemi Corporation CD5303 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
205
CD5283
thru
CD5314
• 1N5283 THRU 1N5314 AVAILABLE IN
JANHC AND JANKC
PER MIL-PRF-19500/463
• CURRENT REGULATOR CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• ELECTRICALLY EQUIVALENT TO 1N5283 THRU 1N5314
• CONSTANT CURRENT OVER WIDE VOLTAGE RANGE
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
DESIGN DATA
METALLIZATION:
Top: (Anode).......................Al
Back: (Cathode)..................Au
AL THICKNESS.......25,000
Å Min
GOLD THICKNESS...4,000
Å Min
CHIP THICKNESS.............10 Mils
TOLERANCES: ALL Dimensions
+ 2 mils, Except Anode Pad
Where Tolerance is + 0.1 mils.
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed
MINIMUM
MINIMUM
DYNAMIC
KNEE
MAXIMUM
REGULATOR CURRENT
IMPEDANCE
IMPEDANCE
LIMITING
TYPE
lp (mA) @ VT = 25V
@VT = 25V
@VK = 6.0 V
VOLTAGE
NUMBER
(Note 3)
ZT (M)
ZK (M)
@ lL = 0.8 lp (min)
NOM
MIN
MAX
(Note 1)
(Note 2)
VL (VOLTS)
CD5283
0.22
0.198
0.242
25.0
2.75
1.00
CD5284
0.24
0.216
0.264
19.0
2.35
1.00
CD5285
0.27
0.243
0.297
14.0
1.95
1.00
CD5286
0.30
0.270
0.330
9.0
1.60
1.00
CD5287
0.33
0.297
0.363
6.6
1.35
1.00
CD5288
0.39
0.351
0.429
4.10
1.00
1.05
CD5289
0.43
0.387
0.473
3.30
0.870
1.05
CD5290
0.47
0.423
0.517
2.70
0.750
1.05
CD5291
0.56
0.504
0.616
1.90
0.560
1.10
CD5292
0.62
0.558
0.682
1.55
0.470
1.13
CD5293
0.68
0.612
0.748
1.35
0.400
1.15
CD5294
0.75
0.675
0.825
1.15
0.335
1.20
CD5295
0.82
0.738
0.902
1.00
0.290
1.25
CD5296
0.91
0.819
1.001
0.880
0.240
1.29
CD5297
1.00
0.900
1.100
0.800
0.205
1.35
CD5298
1.10
0.990
1.210
0.700
0.180
1.40
CD5299
1.20
1.08
1.32
0.640
0.155
1.45
CD5300
1.30
1.17
1.43
0.580
0.135
1.50
CD5301
1.40
1.26
1.54
0.540
0.115
1.55
CD5302
1.50
1.35
1.65
0.510
0.105
1.60
CD5303
1.60
1.44
1.76
0.475
0.092
1.65
CD5304
1.80
1.62
1.98
0.420
0.074
1.75
CD5305
2.00
1.80
2.20
0.395
0.061
1.85
CD5306
2.20
1.98
2.42
0.370
0.052
1.95
CD5307
2.40
2.16
2.64
0.345
0.044
2.00
CD5308
2.70
2.43
2.97
0.320
0.035
2.15
CD5309
3.00
2.70
3.30
0.300
0.029
2.25
CD5310
3.30
2.97
3.63
0.280
0.024
2.35
CD5311
3.60
3.24
3.96
0.265
0.020
2.50
CD5312
3.90
3.51
4.29
0.255
0.017
2.60
CD5313
4.30
3.87
4.73
0.245
0.014
2.75
CD5314
4.70
4.23
5.17
0.235
0.012
2.90
MAXIMUM RATINGS
Operating Temperature: -55°C to +175°C
Storage Temperature: -55°C to +175°C
Peak Operating Voltage: 100 VOLTS
NOTE 1
ZT is derived by superimposing A 90Hz RMS signal equal to 10% of VT on VT.
NOTE 2
ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK.
NOTE 3
IP is read using a pulse measurement, 10 milliseconds maximum.
BACKSIDE IS CATHODE
A = Anode
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com


Similar Part No. - CD5303

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5303 CDI-DIODE-CD5303 Datasheet
32Kb / 2P
CURRENT REGULATOR CHIPS
More results

Similar Description - CD5303

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CCR250 CDI-DIODE-CCR250 Datasheet
17Kb / 1P
CURRENT REGULATOR CHIPS
CD5283 CDI-DIODE-CD5283 Datasheet
32Kb / 2P
CURRENT REGULATOR CHIPS
logo
Microsemi Corporation
CCR250 MICROSEMI-CCR250 Datasheet
23Kb / 2P
CURRENT REGULATOR CHIPS
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
Low-TCR Current Sense Chips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com