Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD06-19-RVS-MSMT-TR Datasheet(PDF) 3 Page - CUI Devices

Part # HD06-19-RVS-MSMT-TR
Description  HDMI RECEPTACLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

HD06-19-RVS-MSMT-TR Datasheet(HTML) 3 Page - CUI Devices

  HD06-19-RVS-MSMT-TR Datasheet HTML 1Page - CUI Devices HD06-19-RVS-MSMT-TR Datasheet HTML 2Page - CUI Devices HD06-19-RVS-MSMT-TR Datasheet HTML 3Page - CUI Devices HD06-19-RVS-MSMT-TR Datasheet HTML 4Page - CUI Devices HD06-19-RVS-MSMT-TR Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | MODEL: HD06-19-RVS-MSMT-TR | DESCRIPTION: HDMI RECEPTACLE
date 07/26/2023 | page 3 of 5
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
PCB tolerance: ±0.05 mm
PCB thickness: 1.20 mm
Recommended PCB Layout
Top View
PIN CONNECTIONS
PIN
SIGNAL
NAME
MATING
SEQUENCE
PIN
SIGNAL
NAME
MATING
SEQUENCE
1
TMDS Data2+
SECOND
2
TMDS Data2
Shield
SECOND
3
TMDS Data2-
SECOND
4
TMDS Data1+
SECOND
5
TMDS Data1
Shield
SECOND
6
TMDS Data-
SECOND
7
TMDS Data0+
SECOND
8
TMDS Data0
Shield
SECOND
9
TMDS Data0-
SECOND
10
TMDS Clock+
SECOND
11
TMDS Clock
Shield
SECOND
12
TMDS Clock-
SECOND
13
CEC
SECOND
14
Utility
SECOND
15
SCL
SECOND
16
SDA
SECOND
17
DDC/CEC
Ground
SECOND
18
+5V Power
THIRD
19
Hot Plug
Detect
SECOND
SHELL/SHIELD
FIRST
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com