Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD07-19-RVS-MSMT-TR Datasheet(PDF) 1 Page - CUI Devices

Part # HD07-19-RVS-MSMT-TR
Description  HDMI RECEPTACLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

HD07-19-RVS-MSMT-TR Datasheet(HTML) 1 Page - CUI Devices

  HD07-19-RVS-MSMT-TR Datasheet HTML 1Page - CUI Devices HD07-19-RVS-MSMT-TR Datasheet HTML 2Page - CUI Devices HD07-19-RVS-MSMT-TR Datasheet HTML 3Page - CUI Devices HD07-19-RVS-MSMT-TR Datasheet HTML 4Page - CUI Devices HD07-19-RVS-MSMT-TR Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 07/26/2023
page 1 of 5
MODEL: HD07-19-RVS-MSMT-TR | DESCRIPTION: HDMI RECEPTACLE
cuidevices.com
FEATURES
• HDMI 2.0
• 19 position
• tape & reel packaging
• reflow solder compatible
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
HDMI standard
HDMI 2.0
rated voltage
40
Vac
rated current
0.5
A
contact resistance1
between terminals and mating plug
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
4.5
kgf
withdrawal force
1
4.0
kgf
life
10,000
cycles
operating temperature
-40
85
°C
flammability rating
UL94V-0
RoHS
yes
Note:
1. When measured at 20 mV / 100 mA.
2. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
at relative humidity 65~70%
25
30
°C
reflow soldering3
see reflow profile
255
260
°C
Note:
3. It is recommended to reflow solder within 3 months from opening vacuum packaging at a temperature of 25~30°C & relative humidity 65~70%.
Time (sec)
230
217
255
120~180 s
60 s
5 s
2.5°C/s ramp up
5°C/s max ramp down
250
50 s
Additional Resources: Product Page


Similar Part No. - HD07-19-RVS-MSMT-TR

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Teledyne Technologies I...
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
HD00CFY TELEDYNE-HD00CFY Datasheet
1Mb / 5P
2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
logo
Diodes Incorporated
HD01 DIODES-HD01 Datasheet
54Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. F-2
More results

Similar Description - HD07-19-RVS-MSMT-TR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
High Definition Multimedia Interface (HDMI) Receptacle
logo
FCI connector
10029449 FCI-CONNECTOR-10029449 Datasheet
394Kb / 4P
HDMI TYPE A RECEPTACLE
logo
SUYIN USA, INC.
100042MB019SX50ZA SUYIN-USA-100042MB019SX50ZA Datasheet
316Kb / 3P
HDMI Receptacle Reverse SMT Type Connector
logo
Tyco Electronics
1727981 MACOM-1727981 Datasheet
767Kb / 8P
HDMI 19 POS RECEPTACLE ASSY SMT TYPE
logo
CUI INC
HD01-19-RA-TH CUI-HD01-19-RA-TH Datasheet
635Kb / 4P
HDMI RECEPTACLE
09/29/202
HD02-19-M-MSMT-TR CUI-HD02-19-M-MSMT-TR Datasheet
471Kb / 4P
HDMI RECEPTACLE
09/29/2021
HD04-19-TH-TR CUI-HD04-19-TH-TR Datasheet
453Kb / 4P
HDMI RECEPTACLE
09/29/2021
logo
CUI Devices
HD01-19-RA-TH CUID-HD01-19-RA-TH Datasheet
683Kb / 4P
HDMI RECEPTACLE
08/05/2022
HD02-19-M-MSMT-TR CUID-HD02-19-M-MSMT-TR Datasheet
519Kb / 4P
HDMI RECEPTACLE
08/05/2022
HD04-19-TH-TR CUID-HD04-19-TH-TR Datasheet
500Kb / 4P
HDMI RECEPTACLE
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com