Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD08-19-RVS-MSMT-TR Datasheet(PDF) 2 Page - CUI Devices

Part # HD08-19-RVS-MSMT-TR
Description  HDMI RECEPTACLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

HD08-19-RVS-MSMT-TR Datasheet(HTML) 2 Page - CUI Devices

  HD08-19-RVS-MSMT-TR Datasheet HTML 1Page - CUI Devices HD08-19-RVS-MSMT-TR Datasheet HTML 2Page - CUI Devices HD08-19-RVS-MSMT-TR Datasheet HTML 3Page - CUI Devices HD08-19-RVS-MSMT-TR Datasheet HTML 4Page - CUI Devices HD08-19-RVS-MSMT-TR Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CUI DEVICES | MODEL: HD08-19-RVS-MSMT-TR | DESCRIPTION: HDMI RECEPTACLE
date 07/27/2023 | page 2 of 5
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance:
X. ±0.50 mm
X.X ±0.30 mm
X.XX ±0.20 mm
X.XXX ±0.10 mm
unless otherwise specified
DESCRIPTION
MATERIAL
PLATING/COLOR
insulator
LCP (UL94V-0)
black
contact
copper alloy
gold flash
shell
copper alloy
nickel
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com