Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-30CV Datasheet(PDF) 3 Page - CUI Devices

Part # MD-30CV
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MD-30CV Datasheet(HTML) 3 Page - CUI Devices

  MD-30CV Datasheet HTML 1Page - CUI Devices MD-30CV Datasheet HTML 2Page - CUI Devices MD-30CV Datasheet HTML 3Page - CUI Devices MD-30CV Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | SERIES: MD-CV | DESCRIPTION: MINI DIN CONNECTOR
date 08/05/2022 | page 3 of 4
cuidevices.com
MECHANICAL DRAWINGS (MD-60CV, MD-80CV)
MD-60CV
MD-80CV
6
7
4
8
5
1
2
3
Recommended PCB Layout
Top View
(Date Codes prior to 03/03/2022)
5
3
1
6
4
2
Recommended PCB Layout
Top View
(Date Codes prior to 03/03/2022)
Recommended PCB Layout
Top View
(Date Codes after 03/03/2022)
Recommended PCB Layout
Top View
(Date Codes after 03/03/2022)
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
body
PBT (UL94V-0)
black
2
earth terminal
brass
tin
3
terminals
phosphor bronze
silver
4
nut
brass
units: mm
tolerance: ±0.3 mm
PCB: ±0.1 mm
unless otherwise noted
Recommended
Panel Cutout
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com