Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-50S Datasheet(PDF) 1 Page - CUI Devices

Part # MD-50S
Description  MINI DIN CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MD-50S Datasheet(HTML) 1 Page - CUI Devices

  MD-50S Datasheet HTML 1Page - CUI Devices MD-50S Datasheet HTML 2Page - CUI Devices MD-50S Datasheet HTML 3Page - CUI Devices MD-50S Datasheet HTML 4Page - CUI Devices MD-50S Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 08/05/2022
page 1 of 5
SERIES: MD-S | DESCRIPTION: MINI DIN CONNECTOR
cuidevices.com
FEATURES
• PCB mount
• right angle
• non-shielded
PART NUMBER KEY
Base Number
MD - XX S
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
12
Vac
Vdc
rated input current
at 100 Vac
at 12 Vdc
1
2
A
A
contact resistance
30
mΩ
insulation resistance
at 250 Vdc
50
MΩ
voltage withstand
250
Vac
insertion force
0.8
6.0
kg
withdrawal force
0.8
4.5
kg
operating temperature
-40
85
°C
life
1,000
cycles
flammability rating
UL94V-0
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
for 10 seconds max
235
260
°C
hand soldering
for 5±1 seconds
240
245
250
°C
Pin Options
30* = 3 pins
40 = 4 pins
50* = 5 pins
60 = 6 pins
70 = 7 pins
80 = 8 pins
90 = 9 pins
Notes:
*Discontinued models MD-30S & MD-50S
Additional Resources: Product Page


Similar Part No. - MD-50S

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-50S CUI-MD-50S Datasheet
184Kb / 4P
MINI DIN CONNECTOR
MD-50S CUI-MD-50S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
MD-50SF CUI-MD-50SF Datasheet
143Kb / 3P
MINI DIN CONNECTOR
MD-50SFK CUI-MD-50SFK Datasheet
143Kb / 3P
MINI DIN CONNECTOR
MD-50SG CUI-MD-50SG Datasheet
178Kb / 3P
MINI DIN CONNECTOR
More results

Similar Description - MD-50S

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30SN CUI-MD-30SN Datasheet
138Kb / 3P
MINI DIN CONNECTOR
MD-30J CUI-MD-30J Datasheet
135Kb / 3P
MINI DIN CONNECTOR
MD-30SP CUI-MD-30SP Datasheet
100Kb / 3P
MINI DIN CONNECTOR
MD2-ST-SMT CUI-MD2-ST-SMT Datasheet
223Kb / 3P
MINI DIN CONNECTOR
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100_V01 Datasheet
281Kb / 3P
MINI DIN CONNECTOR
10/14/2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com