Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-70 Datasheet(PDF) 2 Page - CUI Devices

Part # MD-70
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MD-70 Datasheet(HTML) 2 Page - CUI Devices

  MD-70 Datasheet HTML 1Page - CUI Devices MD-70 Datasheet HTML 2Page - CUI Devices MD-70 Datasheet HTML 3Page - CUI Devices MD-70 Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | SERIES: MD | DESCRIPTION: MINI DIN CONNECTOR
date 09/26/2022 | page 2 of 4
cuidevices.com
5.00.197
9.0 0.354
14.00.551
32.0 1.260
0.3
0.5
44.51.752
6.3 0.248
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
shield
brass
nickel
pin contacts (1~9)
brass
silver
insulator
Polyamide 6 (PA-1010C2)
shell
ABS (PA-757)
cover
UE630 + PELL (LL120)
MD-30
MD-40
MD-50
MD-60
MD-70
MD-80
9.95 0.392
16.400.646
6.45 0.254
0.3
8.0 0.315
47.31.862
14.850.585
MD-90
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com