Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3675AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3675AT
Description  Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3675AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3675AT Datasheet HTML 1Page - NXP Semiconductors TDA3675AT Datasheet HTML 2Page - NXP Semiconductors TDA3675AT Datasheet HTML 3Page - NXP Semiconductors TDA3675AT Datasheet HTML 4Page - NXP Semiconductors TDA3675AT Datasheet HTML 5Page - NXP Semiconductors TDA3675AT Datasheet HTML 6Page - NXP Semiconductors TDA3675AT Datasheet HTML 7Page - NXP Semiconductors TDA3675AT Datasheet HTML 8Page - NXP Semiconductors TDA3675AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Feb 01
4
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current
8.5 V voltage regulator with enable
TDA3675
FUNCTIONAL DESCRIPTION
The TDA3675 is a fixed 8.5 V regulator which can deliver
output currents up to 100 mA. The regulator is available in
an SO8 package with fused centre pins connected to the
lead frame. The regulator is intended for portable, mains,
telephone and automotive applications. To increase the
lifetime of batteries, a specially built-in clamp circuit keeps
the quiescent current of this regulator very low, also in
dropout and full load conditions.
The regulator remains operating down to very low supply
voltages and below this voltage it switches off.
A temperature protection circuit is included, which
switches off the regulator output at a junction temperature
above 150
°C.
A new output circuit guarantees the stability of the
regulator for a capacitor output circuit with an ESR up to
20
Ω. If only a 100 nF capacitor is used, the regulator is
fully stable when IREG > 200 mA. This is very attractive as
the ESR of an electrolytic capacitor increases strongly at
low temperatures (no expensive tantalum capacitor is
required).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
TDA3675T
−
33
V
TDA3675AT
−
45
V
VP(rp)
reverse polarity supply voltage
non-operating
−−25
V
Ptot
total power dissipation
temperature of PCB ground
plane is 25
°C
−
4.1
W
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
operating
TDA3675T
−40
+85
°C
TDA3675AT
−40
+125
°C
Tj
junction temperature
operating
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air; soldered
125
K/W
Rth(j-c)
thermal resistance from junction to case
to centre pins; soldered
30
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com