Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5841DVT Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5841DVT
Description  5V, 3.5A, High Efficiency COT Mode Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5841DVT Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5841DVT Datasheet HTML 1Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 2Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 3Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 4Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 5Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 6Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 7Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 8Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2019/05/15
A.0
4
EM5841D
Reference Voltage
Internal Reference
VREF
0.594 0.6 0.606
V
PG Indicator
PG Upper Trip Threshold
VPOKU
130
%
PG Lower Trip Threshold
VPOKL
90
%
PG Delay
TD_POK
60
us
PG Leakage Current
IL_POK
1
uA
Protection section
FB Under Voltage Protection
VFB_UVP FB falling
50
60
70
%
UVP delay time
TD_UVP
7.5
10
us
FB Over Voltage Protection
VFB_OVP FB rising
130
140
150
%
OVP delay time
TD_OVP
7.5
10
us
Soft-Start Interval
TSS
EN to PG active
400
us
VOUT Discharge Resistance
100
Ω
Thermal Shutdown
TSD
150
°C
Thermal Shutdown Hysteresis
TSD_HYS
30
°C
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain
possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA=25
oC on a 4-layers high effective thermal conductivity test board with
minimum copper area of JEDEC 51-7 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Reference Values of Feedback Networks and output LC filter combination
COUT
22u
FB
VIN
VCC
GND
GND
SW
SW
PG
EN
NC
VOUT 1.05V
L 1.5u
0.47u
Thermal
PAD
R1
R2
2.2
10u
VIN
3.3V or 5V
100K
8.2k
6.2k
*CFF
VOUT(V)
R1(kΩ)
R2(kΩ)
L (uH)
COUT (uF)
*CFF(pF)
3.3
37
8.2
2.2
22~66
22p~470p
1.8
16.5
8.2
1.5
22~66
1.2
8.2
8.2
1.5
22~66
1.05
6.2
8.2
1.5
22~66
1
5.6
8.2
1.5
22~66
* CFF is chosen for improving the transient load response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com