Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5845VT Datasheet(PDF) 12 Page - Excelliance MOS Corp.

Part # EM5845VT
Description  5V, 3.5A, 1MHz, High Efficiency COT Mode Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5845VT Datasheet(HTML) 12 Page - Excelliance MOS Corp.

Back Button EM5845VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 9Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 10Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 11Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 12Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 13Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2016/02/24
A.2
12
EM5845
Output Capacitor Selection
An output capacitor is required to filter the
inductor current. Output ripple and transient
response are two critical factors when choosing the
output capacitance. The COT mode allows for the
usage of low ESR ceramic capacitors and thus
smaller board layout, electrolytic capacitors may
also be used. The following equations allow
calculation of the required capacitance to meet a
desired output ripple voltage.
For the ceramic capacitors (low ESR):
O
SW
L
OUTRIPPLE
C
F
I
V
8
When using electrolytic capacitors (High ESR):
ESR
I
V
L
OUTRIPPLE
Regarding transient response considerable, a good
starting point is to determine the allowable
overshoot in Vo if the load is suddenly released. In
this case, energy stored in the inductor will be
transferred to Co causing its voltage to rising, so
choosing the needs capacitance should be cover for
both ripple and transient requirement. The most of
applications will require a minimum of 22uF output
capacitance. Like the input capacitor multilayer
ceramic capacitors are X7R or X5R types. The
maximum RMS current rating of the capacitors is:
RMS
MAX
IN
SW
O
MAX
IN
O
CORMS
A
V
F
L
V
V
V
I
)
(
)
(
)
(
12
1
Layout Considerations
The VIN, VCC decoupling capacitors should be
as closed to the IC VIN and VCC pin.
The FB voltage divider network should be as
closed to the IC FB pin and away from
switching node.
Use widely trance for the High current path,
From VIN, SW, Vo to GND path.
Widely ground plan for good heat sinking and
better noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com