Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8565DS7 Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM8565DS7
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8565DS7 Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM8565DS7 Datasheet HTML 1Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 2Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 3Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 4Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 5Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 6Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 7Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 8Page - Excelliance MOS Corp. EM8565DS7 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2015/04/14
Rev.A.1
4
EM8565D
Electrical Characteristics
(VCC=16V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Section
VCC OVP Protect voltage
VOVP
27.5
29
30.5
V
Start up current
ISTART
VCC=VTH-ON-0.5V
-
45
65
uA
VCC On Threshold Voltage
VTH-ON
13.5
15
16.5
V
VCC Off Threshold Voltage
VTH-OFF
8
8.8
9.5
V
Operating Supply Current 1
ICC-OP1
VCC=15V, VCOMP=0V
-
0.7
2
mA
Operating Supply Current 2
ICC-OP2
VCC=15V, VCOMP=3V
-
2
-
mA
Operating Supply Current 3
ICC-OP3
VCC=15V,
Protection triggerred
-
0.4
-
mA
D Section
HV Current Source
IHV
VCC=VTH-ON-0.5V
VD=50V
1
mA
Drain to Source Breakdown voltage BVDSS
650
V
Drain leakage current
ILC
VCC=VTH-ON+0.5V
VD=650V, PWM off
50
uA
ON-Resistance
RDS-ON
2.3
Ω
Switching time
TF
70
nS
Current-Sense Section
Maximum Internal Current Setpoint VCSLim
OCP at 36% Duty
0.85
0.9
0.95
V
OCP at Zero on-Duty
0.62
0.65
0.68
V
Leading Edge Blanking Time
TLEB
300
380
460
nS
Propagation Delay Time
TPD
100
nS
Soft-Start Period
TSS
3.5
mS
Internal Oscillator
Oscillation Frequency
fOSC
94
100
106
KHz
Jitter Percentage
PJITTER
+/-4
%
Jitter Period
TJITTER
2.6
mS
Maximum Duty
Dmax
75
%
Green mode minimum frequency
fOSC-G
26
KHz
Frequency variation vs. VCC
fDV
VCC=11V to 25V
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com