Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652425 Datasheet(PDF) 1 Page - Alpha Wire

Part # 652425
Description  24 (7/32) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

652425 Datasheet(HTML) 1 Page - Alpha Wire

  652425 Datasheet HTML 1Page - Alpha Wire 652425 Datasheet HTML 2Page - Alpha Wire 652425 Datasheet HTML 3Page - Alpha Wire 652425 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 652425
Construction
 
Diameters (In)
1) Component 1
25 X 1 COND
 
a) Conductor
24 (7/32) AWG Bare Copper
0.024
b) Insulation
0.022" Wall, Nom. PVC
0.068
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color(s)
 
 
Cond Color
Cond Color
Cond Color
1
BLACK #1 10
BLACK #10 19
BLACK #19
2
BLACK #2 11
BLACK #11 20
BLACK #20
3
BLACK #3 12
BLACK #12 21
BLACK #21
4
BLACK #4 13
BLACK #13 22
BLACK #22
5
BLACK #5 14
BLACK #14 23
BLACK #23
6
BLACK #6 15
BLACK #15 24
BLACK #24
7
BLACK #7 16
BLACK #16 25
YELLOW/GREEN
8
BLACK #8 17
BLACK #17
 
9
BLACK #9 18
BLACK #18
 
2) Cable Assembly
25 Components Cabled
 
a) Twists:
2.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Jacket
0.050" Wall, Nom.,PVC, Oil Resistant
0.525+/- 0.036
a) Color(s)
SLATE
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
 
c) Print
ALPHA WIRE-* P/N 652425 25C 24 AWG
XTRAGUARD(R) FLEXIBLE CONTROL CABLE RU AWM 2587
OR CRU AWM I/II A/B FT1 90C 600V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 652425

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
652425CY ALPHAWIRE-652425CY Datasheet
410Kb / 4P
24 (7/32) AWG Bare Copper
More results

Similar Description - 652425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344514 ETC2-1344514 Datasheet
110Kb / 4P
24 AWG Solid Bare Copper Conductors, Dual FRPO/FEP Insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1682749 ETC2-1682749 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
1533P ETC2-1533P Datasheet
108Kb / 4P
24 AWG solid bare copper conductors, plenum, FEP Teflon insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com