Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

852607 Datasheet(PDF) 1 Page - Alpha Wire

Part # 852607
Description  26 (19/38) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

852607 Datasheet(HTML) 1 Page - Alpha Wire

  852607 Datasheet HTML 1Page - Alpha Wire 852607 Datasheet HTML 2Page - Alpha Wire 852607 Datasheet HTML 3Page - Alpha Wire 852607 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 852607
Construction
 
Diameters (In)
1) Component 1
7 X 1 COND
 
a) Conductor
26 (19/38) AWG Bare Copper
0.020
b) Insulation
0.022" Wall, Nom. PVC
0.064
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color(s)
 
 
Cond Color
Cond Color
Cond Color
1
RED #1 4
RED #4 7
YELLOW/GREEN/GREEN
2
RED #2 5
RED #5
 
3
RED #3 6
RED #6
 
2) Cable Assembly
7 Components Cabled
 
a) Twists:
6.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
REMAY Tape, 25% Overlap, Min.
 
3) Jacket
0.035" Wall, Nom.,PVC, Oil Resistant
0.311+/- 0.021
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
 
c) Print
ALPHA WIRE-* P/N 852607 7C 26 AWG
XTRAGUARD(R) CONTINUOUS FLEX CONTROL CABLE
RU AWM 2587 CONSTANT FLEXING OR CRU
AWM I/II A/B FT1 90C 600V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 852607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
85260-3420 ETC2-85260-3420 Datasheet
915Kb / 13P
Application Notes for LCD 36x24 SmartSwitch/Display
logo
Alpha Wire
852603 ALPHAWIRE-852603 Datasheet
408Kb / 4P
26 (19/38) AWG Bare Copper
852604 ALPHAWIRE-852604 Datasheet
408Kb / 4P
26 (19/38) AWG Bare Copper
More results

Similar Description - 852607

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346614 ETC2-1346614 Datasheet
99Kb / 3P
RG-174/U type 26 AWG stranded (7x34) .019 bare copper-covered steel conductor
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1351779 ETC2-1351779 Datasheet
102Kb / 3P
RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
1694F ETC2-1694F Datasheet
90Kb / 4P
19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
logo
TE Connectivity Ltd
0026G8424 TEC-0026G8424 Datasheet
193Kb / 2P
100 OHM, AWG 26, 19 STRANDS OF AWG 38, TWINAXIAL CABLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com