Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8143167 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8143167
Description  Servo drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8143167 Datasheet(HTML) 2 Page - Festo Corporation.

  8143167 Datasheet HTML 1Page - Festo Corporation. 8143167 Datasheet HTML 2Page - Festo Corporation. 8143167 Datasheet HTML 3Page - Festo Corporation. 8143167 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feature
Value
Information on max. installation height
1% power reduction/100 m above 1000 m.
Degree of protection
IP20
Protection class
I
Overvoltage category
III
Contamination level
2
Surge resistance
6 kV
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364 zone III
Nominal operating voltage phases
3-phase
Nominal operating voltage AC
400 V
Permissible voltage fluctuations
+/- 10 %
Input voltage range AC
200 V ... 480 V
Mains frequency
48 Hz ... 62 Hz
Nominal current load supply
6 A
Peak current, load supply
18 A
Active PFC
no
Line filter
Integrated
System voltage to EN 61800-5-1
300 V
Max. short circuit protection of mains
10 kA
Mains types
TN
IT
Nominal voltage, load supply DC
560 V
Load supply permissible range
± 10 %
Max. DC link voltage
800 V
Braking resistor, integrated
130 Ohm
Pulse power of braking resistor
5 kVA
Pulse energy for braking resistor
850 Ws
Braking resistor nominal power (IEC)
58 W
Braking resistor, external
80 Ohm ... 130 Ohm
Max. continuous output of the external braking resistor (IEC)
1200 W
Nominal voltage, logic supply DC
24 V
Permissible range of logic voltage
± 20 %
Max. current consumption for logic supply without clamping brake
0.5 A
Max. current consumption for logic supply with parking brake
1.8 A
Max. current consumption for logic supply with clamping brake and I/O 2.5 A
Output voltage range AC
3x (0 – input) V
Nominal current per phase, effective
5 A
Peak current per phase, effective
15 A
Max. peak current duration
2 s
Controller nominal power
2500 VA
Peak power
7500 VA
Output frequency
0 Hz ... 599 Hz
Max. length of motor cable without ext. mains filter
50 m
Max. output current of holding brake
1.3 A
Max. voltage drop from logic supply to brake output
1 V
Number of inputs for motor temperature sensor
1
Controller operating mode
Cascade control
P position controller
PI speed controller
PI current regulator for F or M
Profile operation with block mode and direct mode
Interpolating mode via fieldbus
Synchronous operating modes
Reference travel
Setup mode
Autotuning
8/20/24 - Subject to change - Festo SE & Co. KG
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com