Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP4953AS8RG Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPP4953AS8RG
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP4953AS8RG Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPP4953AS8RG Datasheet HTML 1Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 2Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 3Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 4Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 5Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 6Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 7Page - SYNC POWER Crop. SPP4953AS8RG Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007/06/20
Ver.1
Page 3
SPP4953A
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unles
℃
s otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-30
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=-250uA
-1.0
-3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=-24V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
TJ=85℃
-5
uA
On-State Drain Current
ID(on)
VDS= -5V,VGS =-10V
-25
A
VGS=-10V,ID=-5.2A
0.055
0.070
Drain-Source On-Resistance
RDS(on)
VGS=-4.5V,ID=-4.2A
0.090
0.105
Ω
Forward Transconductance
gfs
VDS=-10V,ID=-5.0A
9
S
Diode Forward Voltage
VSD
IS=-2.0A,VGS =0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
15
25
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
VDS=-15V,VGS=-10V
ID= -5.0A
2
nC
Input Capacitance
Ciss
680
Output Capacitance
Coss
120
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V
f=1MHz
75
pF
td(on)
7
15
Turn-On Time
tr
10
20
td(off)
40
80
Turn-Off Time
tf
VDD=-15V,RL=15Ω
ID≡-1.0A,VGEN=-10V
RG=6Ω
20
40
nS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com