Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-036CLA9-R-155.520MHZ Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-036CLA9-R-155.520MHZ
Description  PECL/LVPECL HF VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-036CLA9-R-155.520MHZ Datasheet(HTML) 3 Page - Abracon Corporation

  AB-036CLA9-R-155.520MHZ Datasheet HTML 1Page - Abracon Corporation AB-036CLA9-R-155.520MHZ Datasheet HTML 2Page - Abracon Corporation AB-036CLA9-R-155.520MHZ Datasheet HTML 3Page - Abracon Corporation AB-036CLA9-R-155.520MHZ Datasheet HTML 4Page - Abracon Corporation AB-036CLA9-R-155.520MHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AB-x36C Series
14.35 x 9.27 x 6.48 mm
Datasheet #0629J
PECL/LVPECL HF VCXO
Revision U: 12/19/2023
www.nelfc.com
Not all combinations are available. Consult Factory.
Packaging
Blank
Bulk
Output Frequency
Please specify the frequency in units of MHz
out to 3-digit accuracy after the decimal.
Example: 155.520MHZ
Operating Voltage
Code
Specification
A
3.3V ± 5%
0
5.0V ± 5%
Environmental
Code
Specification
L
Contains a level of lead that is in
excess of RoHS directive
R
RoHS compliant
Enable Option
Code
Specification
L
Enable Low
P
Enable High
N
NC
Absolute Pull Range, ppm
Code
Specification
E
±20
F
±32
G
±50
H
±100
9
Customer Specific
Temperature Range, ⁰C
Code
In 5ºC steps
A
0 to 50
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer Specific
Temperature Code Table
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
A
-40
F
-15
K
10
P
35
U
60
Z
85
B
-35
G
-10
L
15
Q
40
V
65
C
-30
H
-5
M
20
R
45
W
70
D
-25
I
0
N
25
S
50
X
75
E
-20
J
5
O
30
T
55
Y
80
Creating a Part Number
Package Code
AB 6 pad 9x14mm SMD
Notes:
1* All parameters, unless otherwise specified, are at nominal conditions, ie: T=25⁰C, Nominal Vcc & Nominal Load.
AB -
X 36C X
X X - X – XX.XXX MHZ - X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com