Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-16 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 13Page - Power Integrations, Inc. EPR-16 Datasheet HTML 14Page - Power Integrations, Inc. EPR-16 Datasheet HTML 15Page - Power Integrations, Inc. EPR-16 Datasheet HTML 16Page - Power Integrations, Inc. EPR-16 Datasheet HTML 17Page - Power Integrations, Inc. EPR-16 Datasheet HTML 18Page - Power Integrations, Inc. EPR-16 Datasheet HTML 19Page - Power Integrations, Inc. EPR-16 Datasheet HTML 20Page - Power Integrations, Inc. EPR-16 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17-May-04
EPR-16 – LinkSwitch 2.75 W Charger/Adapter
8 Performance Data
All measurements were performed at room temperature, 60 Hz input frequency unless
otherwise specified. The output voltage was measured at the end of the output cable.
Efficiency results therefore include output cable losses.
Input power measurements were taken using a Yokogawa WT200 Single Phase Digital
Power Meter. For the no-load measurement, the current scale was set to 10 mA.
8.1 Line and Load Regulation
Regulation Curve
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
Load Current (mA)
85 VAC
115 VAC
190 VAC
230 VAC
265 VAC
Figure 8 – Load Regulation at Selected Input Voltages.
Page 17 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com