Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD103CWS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ASD103CWS-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ASD103CWS-HF Datasheet(HTML) 2 Page - Comchip Technology

  ASD103CWS-HF Datasheet HTML 1Page - Comchip Technology ASD103CWS-HF Datasheet HTML 2Page - Comchip Technology ASD103CWS-HF Datasheet HTML 3Page - Comchip Technology ASD103CWS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Max
Unit
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
AQW-JA005
Min
Small Signal Schottky Diodes
Reverse breakdown voltage
IR = 100μA
V(BR)R
40
V
Rating and Characteristic Curves (ASD103AWS-HF Thru. ASD103CWS-HF)
Fig.1 - Forward Characteristics
100
80
0
0.01
10000
200
300
400
500
600
Percent Rated Peak Reverse Voltage, (%)
20
0.1
1
60
Fig.3 - Junction Capacitance
0
30
20
0
15
30
Reverse Voltage, VR (V)
10
5
10
15
5
25
Fig.2 - Reverse Characteristics
Forward Voltage, VF (mV)
0.01
1
0.001
Forward voltage
IF = 200mA
VF
0.60
V
Reverse leakage current
VR = 30V
IR
μA
5
Junction capacitance
CJ
pF
50
VR = 0V, f = 1MHz
Forward voltage
IF = 20mA
VF
0.37
V
ASD103AWS-HF
ASD103BWS-HF
ASD103CWS-HF
30
20
ASD103AWS-HF
ASD103BWS-HF
ASD103CWS-HF
VR = 20V
VR = 10V
20
25
100
0.1
125°C
75°C
25°C
10
1000
100
40
125°C
75°C
25°C
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com