Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-33 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-33 Datasheet HTML 13Page - Power Integrations, Inc. EPR-33 Datasheet HTML 14Page - Power Integrations, Inc. EPR-33 Datasheet HTML 15Page - Power Integrations, Inc. EPR-33 Datasheet HTML 16Page - Power Integrations, Inc. EPR-33 Datasheet HTML 17Page - Power Integrations, Inc. EPR-33 Datasheet HTML 18Page - Power Integrations, Inc. EPR-33 Datasheet HTML 19Page - Power Integrations, Inc. EPR-33 Datasheet HTML 20Page - Power Integrations, Inc. EPR-33 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
28-Mar-2003
EPR-33 – 45 W External Adapter Supply
Page 17 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.4
Regulation
9.4.1 Load
EP-33 Load Regulation
95%
97%
99%
101%
103%
105%
012
34
Output Load (A)
90 VAC, Output
90 VAC, End of Cable
115 VAC, Output
115 VAC, End of Cable
230 VAC, Output
230 VAC, End of Cable
265 VAC, End of Cable
Figure 9 - Load Regulation, Room Temperature.
9.4.2 Line
EP-33 Line Regulation, Full Load
95%
96%
97%
98%
99%
100%
101%
102%
103%
104%
105%
80
100 120 140 160 180 200 220 240 260 280
Input Voltage (VAC)
Supply Output
End of Cable
Figure 10 - Line Regulation, Maximum Load, Room Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com