Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3866 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3866
Description  Quasi-split sound processor for all standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3866 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3866 Datasheet HTML 4Page - NXP Semiconductors TDA3866 Datasheet HTML 5Page - NXP Semiconductors TDA3866 Datasheet HTML 6Page - NXP Semiconductors TDA3866 Datasheet HTML 7Page - NXP Semiconductors TDA3866 Datasheet HTML 8Page - NXP Semiconductors TDA3866 Datasheet HTML 9Page - NXP Semiconductors TDA3866 Datasheet HTML 10Page - NXP Semiconductors TDA3866 Datasheet HTML 11Page - NXP Semiconductors TDA3866 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
January 1992
8
Philips Semiconductors
Preliminary specification
Quasi-split sound processor for all standards
TDA3866
Resonance amplifier (pins 12-13)
Vo
vision carrier amplitude
(peak-to-peak value)
fo = 38.9 MHz
−
270
−
mV
R12-13
operating resistance
−
4
−
k
Ω
L
inductance
Fig.3 and 5
−
0.247
−µH
C
capacitance
CS = 27 pF
−
68
−
pF
QL
Q-factor of resonant circuit
Qo = 90
−
40
−
V12, 13
DC voltage (pins 12 and 13)
−
VP−1
−
V
Intercarrier mixer output (pin 17)
Vo
output signal for 5.5 MHz (RMS value)
71
95
125
mV
output signal for 5.74 MHz (RMS value)
32
43
56
mV
B
IF bandwidth
−1dB
−
8.5
−
MHz
−3dB
−
10
−
MHz
VVID/V17
residual video AM on intercarrier
note 2
−
310
%
VVC
residual vision carrier (RMS value)
1st/2nd harmonic;
(38.9/77.8 MHz)
−
0.5
1
mV
R17
output resistance (emitter follower)
1 mA emitter current
−
30
−Ω
Io
allowable AC output current (pin 17)
−−
±0.7
mA
I17
allowable DC output current
−−
−2mA
V17
DC voltage
−
1.75
−
V
Limiting amplifiers (pins 15 and 19)
Vi
minimum input signal (RMS value)
−3 dB AF signal
−
300
450
µV
maximum input signal (RMS value)
200
−−
mV
R15, 19
input resistance
−
560
−Ω
V15, 19
DC voltage
−
0
−
V
Vi
level detector threshold for no muting
(RMS value, pin 19)
only 5.74 MHz channel
−
1
−
mV
∆V
i
hysteresis of level detector
−
5
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com