Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-34 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-34
Description  Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-34 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-34 Datasheet HTML 13Page - Power Integrations, Inc. EPR-34 Datasheet HTML 14Page - Power Integrations, Inc. EPR-34 Datasheet HTML 15Page - Power Integrations, Inc. EPR-34 Datasheet HTML 16Page - Power Integrations, Inc. EPR-34 Datasheet HTML 17Page - Power Integrations, Inc. EPR-34 Datasheet HTML 18Page - Power Integrations, Inc. EPR-34 Datasheet HTML 19Page - Power Integrations, Inc. EPR-34 Datasheet HTML 20Page - Power Integrations, Inc. EPR-34 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
10-Feb-2004
EPR-34 – 12 V, 30 W, Universal Input
9.4
Overload Power
The curve below shows the maximum overload power vs. input line voltage. The X pin of
U1 is used to reduce the primary current limit with increasing line voltage, limiting
overload power.
Overload Power vs Line Voltage
100
110
120
130
140
150
160
170
180
190
200
80
100
120
140
160
180
200
220
240
260
280
Input Voltage (VAC)
Figure 10
– EP-34 Overload Power vs. Line Voltage, Room Temperature.
Page 17 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com