Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-68 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-68
Description  Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-68 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-68 Datasheet HTML 13Page - Power Integrations, Inc. EPR-68 Datasheet HTML 14Page - Power Integrations, Inc. EPR-68 Datasheet HTML 15Page - Power Integrations, Inc. EPR-68 Datasheet HTML 16Page - Power Integrations, Inc. EPR-68 Datasheet HTML 17Page - Power Integrations, Inc. EPR-68 Datasheet HTML 18Page - Power Integrations, Inc. EPR-68 Datasheet HTML 19Page - Power Integrations, Inc. EPR-68 Datasheet HTML 20Page - Power Integrations, Inc. EPR-68 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
19-Jul-2005
EP68 3.3 V, 2 A DC-DC Power Supply
10.4 Load Transient Response (75% to 100% Load Step)
In the following two oscilloscope screen shots (Figures 17 and 18), signal averaging was
used to more clearly capture the output voltage response to a load transient. Averaging
minimizes the appearance of the 400 kHz switching ripple in the output voltage scope
plot. The load current step was used to trigger the horizontal sweep of the oscilloscope.
Figure 17
- Transient Response,
36 VDC, 75-100-75% Load Step.
Top: Load Current, 1 A / div.
Bottom: Output Voltage,
20 mV, 500
µs / div.
Figure 18
- Transient Response,
57 VDC, 75-100-75% Load Step.
Top: Load Current, 1 A / div.
Bottom: Output Voltage,
20 mV, 500
µs / div.
Page 17 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com