Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUM3003 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HUM3003
Description  High Voltage, High Power Pin Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HUM3003 Datasheet(HTML) 1 Page - Microsemi Corporation

  HUM3003 Datasheet HTML 1Page - Microsemi Corporation HUM3003 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HUM3002/3003/3004
High Voltage, High Power Pin Diode
PRODUCT PREVIEW/PRELIMINARY
KEY FEA T URES
Non-magnetic Package For MRI
Application.
High Power, High Voltage
Package (4 kV -40 kW)
Stable High Voltage Chip
Passivation.
High Current Rating.
High Surge Current Rating.
Low Rs, Low Loss, Low Distortion
Design.
DESCRIPTION
These Microsemi PIN diodes are perfect for high power switching
applications where high isolation, low loss, low distortion characteristics, and
high power handling capability are critical. These PIN diodes utilize
Microsemi’s SOGO passivation process for superior stable high voltage
operation. The package is a modified DO-4 structure for ease of mount down
with excellent thermal properties. No thin internal straps are used for
electrical connections. A surge current of 150 amperes at half sine 8.3 ms is
easily handled.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
DO-4 PIN
DIODE
APPLICA T ION S /BE NEFI TS
MRI Applications.
High Power Antenna Switching.
Band Switching.
Industrial Heating.
Maximu m Rating s @ 25ºC
(UNLESS OTHERWIS E SP ECIFI E D)
TYPE
Parameter
S y m b o l
HUM3002
HUM3003
HUM3004
Unit
Reverse Voltage
IR = 10µA
VR
2,000
3,000
4,000
V
Average Power
Dissipation
@ Stud =50°C
IO
50
50
50
W
RF Power Handling
Capability(CW)
@Zo = 50 OHms
Rs = 0.1 OHM
@ Stud =50°C
PRF
40
40
40
kW
Non-Repetitive
Sinusoidal Surge
Current (8.3 ms)
IFSM
150
150
150
A
Storage Temperature
Range
TSTG
-55°C to
+150°C
-55°C to
+150°C
-55°C to
+150°C
°C
Operating Temperature
Range
TOP
-55°C to
+125
-55°C to
+125
-55°C to
+125
°C
Thermal resistance
Junction-to Case
RθJC
1.5
1.5
1.5
°C/W
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Diode Resistance
RS
F= 10 MHz, If = 250 mA
0.1
0.2
Ω
Capacitance CT
CT
F= 1 MHz, 100 V
4.3
5.0
pF
Reverse Current
IR
VR @ Rated Voltage
10
µA
Carrier Lifetime
τ
If = 10 mA / 100 V
20
30
µs
Parallel Resistance
RP
F= 1 MHz, 100 V
5
k
Ω
Forward Voltage
Vf
If = 0.5 A
0.75
V
ELECTR ICAL CHARACTERISTIC S
Microsemi


Similar Part No. - HUM3003

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
1Mb / 7P
Evaluation Module
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
7Mb / 25P
HumRCTM Series Master Development System
2018
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
3Mb / 35P
HumRCTM Series Remote Control and Sensor Transceiver
2016
logo
Interpoint Corporation ...
HUM-40 INTERPOINT-HUM-40 Datasheet
242Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HUM-40 CRANE-HUM-40 Datasheet
371Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
More results

Similar Description - HUM3003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3922 SUTEX-HV3922 Datasheet
444Kb / 5P
High Voltage PIN Diode Driver
logo
Leshan Radio Company
MMVL3700T1 LRC-MMVL3700T1 Datasheet
75Kb / 2P
High Voltage Silicon Pin Diode
logo
M/A-COM Technology Solu...
MADP-011027-14150T MA-COM-MADP-011027-14150T Datasheet
267Kb / 9P
High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T Datasheet
269Kb / 9P
High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
431Kb / 9P
High Power PIN Diode
MADP-011037-13900T MA-COM-MADP-011037-13900T Datasheet
844Kb / 6P
High Power PIN Diode
MADP-011027-14150T MA-COM-MADP-011027-14150T_15 Datasheet
267Kb / 9P
High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T_15 Datasheet
269Kb / 9P
High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T_15 Datasheet
431Kb / 9P
High Power PIN Diode
MADP-011037-13900T MA-COM-MADP-011037-13900T_15 Datasheet
844Kb / 6P
High Power PIN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com