Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IF4520 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IF4520
Description  N-Channel JFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IF4520 Datasheet(HTML) 1 Page - InterFET Corporation

  IF4520 Datasheet HTML 1Page - InterFET Corporation IF4520 Datasheet HTML 2Page - InterFET Corporation IF4520 Datasheet HTML 3Page - InterFET Corporation IF4520 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35096.R00
IF4520
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IF4520 N-Channel JFET
Features
• InterFET N0450S Geometry
• Low Noise: 1.0 nV/√Hz Typical
• Replacement for SNJ450113
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Low R(ON) Switch
• Low-Noise, High Gain Amplifier
Description
The -40V InterFET IF4520 is a higher voltage
version of the low noise high gain IF4500 JFET.
The TO-72 package is hermetically sealed and
suitable for military applications.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
IF4520T18
Through-Hole
TO-18
Bulk
IF4520ST3
Surface Mount
SOT23
Bulk
IF4520ST3TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
IF4520COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
IF4520CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
Product Summary
Parameters
IF4520 Min
Unit
BVGSS
Gate to Source Breakdown Voltage
-40
V
IDSS
Drain to Source Saturation Current
8
mA
VGS(off)
Gate to Source Cutoff Voltage
-0.3
V
GFS
Forward Transconductance
20 (Typ)
mS
1
2
3
Source
Drain
Gate
SOT23 Top View
TO-18 Bottom View
3
2
1
Gate/Case
Source
Drain


Similar Part No. - IF4520

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IF450 LSTD-IF450 Datasheet
1Mb / 1P
450 MHz MicroSphere Antenna
IF450-SF00 LSTD-IF450-SF00 Datasheet
1Mb / 1P
450 MHz MicroSphere Antenna
logo
InterFET Corporation
IF4500 INTERFET-IF4500 Datasheet
62Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4510 INTERFET-IF4510 Datasheet
352Kb / 4P
N-Channel JFET
April, 2020
More results

Similar Description - IF4520

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com