Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN40 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN40
Description  N-Channel JFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN40 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN40 Datasheet HTML 1Page - InterFET Corporation IFN40 Datasheet HTML 2Page - InterFET Corporation IFN40 Datasheet HTML 3Page - InterFET Corporation IFN40 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35015.R00
IFN40
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IFN40 N-Channel JFET
Features
• InterFET N0016H Geometry
• Low Noise: 5 nV/√Hz Typical
• Japanese 2SK40 Replacement
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Audio Amplifiers
• Small Signal Amplifier
• High Impedance Pre-Amplifier
Description
The -50V InterFET IFN40 is a replacement for the
Japanese 2SK40. Targeted for sensitive amplifier
stages with gate leakages typically less than 10pA
at room temperatures.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
IFN40
Through-Hole
TO-92
Bulk
SMP40
Surface Mount
SOT23
Bulk
SMP40TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
IFN40COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
IFN40CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
1
2
3
Source
Drain
Gate
SOT23 Top View
TO-92 Bottom View
Product Summary
Parameters
IFN40 Min
Unit
BVGSS
Gate to Source Breakdown Voltage
-50
V
IDSS
Drain to Source Saturation Current
0.6
mA
VGS(off)
Gate to Source Cutoff Voltage
-0.4
V
GFS
Forward Transconductance
2.0 (Typ)
mS
Source
Drain
Gate
1
2
3


Similar Part No. - IFN40

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN421 INTERFET-IFN421 Datasheet
72Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN422 INTERFET-IFN422 Datasheet
72Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN423 INTERFET-IFN423 Datasheet
72Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN425 INTERFET-IFN425 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN40

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com