Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1696PKHTN-FNLPTHCD Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1696PKHTN-FNLPTHCD
Description  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTHCD Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1696PKHTN-FNLPTHCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 9Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 10Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 11Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 12Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 13Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Package KH, 3-Pin SIP
For Reference Only – Not for Tooling Use
(Reference DWG-9073)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of moldflash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
0.90 ±0.05
2
3
1
B
4 × 20°
4 × 10°
A
D
Branded
Face
2 × 2.40 ±0.10
5.40 ±0.10
2.95
1.25
8.47 REF
0.79 REF
7.00 ±0.10
18.19 ±0.05
25.60 ±0.10
1.60 ±0.10
1.60 ±0.10
A
B
C
C
D Branding scale and appearance at supplier discretion
7.00 ±0.10
E
F
F
F
F
F
F
E
12 × 0.30 REF
3 × 1.00 ±0.10
3 × 0.51 ±0.10
2 × 1.27 ±0.10
0.25±0.05 REF
2.00 ±0.10
0.30 REF
Mold Ejector
Pin Indent
8.25 REF
Standard Branding Reference View
Dambar removal protrusion (12×)
Gate and tie bar burr area
Active Area Depth 0.42 REF
Molded Lead Bar to prevent damage to leads during shipment
Hall elements (F1, F2, F3); not to scale
F3
F2
F1
2.25
F
1.25
F
2.25
XXX
Date Code
Lot Number
Line 1, 2, 3, 4: Max. 10 characters per line
Line 1: Logo A
Line 2: 7-digit alpha numeric Lot Number
Line 3: Last 3 digits of Part Number;
Additional suffixes may be added
to Part Number as required
Line 4: 4-digit Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com