Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1912CSG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1912CSG
Description  VREF @ 800mV, 1.0A, 1.2MHz PWM Current Mode PWM Buck regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1912CSG Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1912CSG Datasheet HTML 1Page - Microsemi Corporation LX1912CSG Datasheet HTML 2Page - Microsemi Corporation LX1912CSG Datasheet HTML 3Page - Microsemi Corporation LX1912CSG Datasheet HTML 4Page - Microsemi Corporation LX1912CSG Datasheet HTML 5Page - Microsemi Corporation LX1912CSG Datasheet HTML 6Page - Microsemi Corporation LX1912CSG Datasheet HTML 7Page - Microsemi Corporation LX1912CSG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LX1912
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2005
Rev. 1.0, 2006-09-06
VREF @ 800mV, 1.0A, 1.2MHz PWM
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VCC and VPWR).......................................................................................-0.3V to 7.0V
SW to GND.............................................................................................................-0.3V to (VIN + 0.3V)
VFB to GND..........................................................................................................................-0.3V to +2V
SW Peak Current .........................................................................................................Internally Limited
Operating Junction Temperature Range (TJ).................................................................-40°C to +125°C
Storage Temperature Range, TA...................................................................................... -65°C to 150°C
Maximum Junction Temperature.................................................................................................... 150
°C
Peak Package Solder Reflow Temp. (40 seconds max. exposure) ...................................260
°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
TH ERMAL DATA
SG Plastic TSOT 6-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
134
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
34
5
6
N.C.
GND
FB
VCC
VPWR
SW
SG PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
N.C. – No Internal Connection
FUNCTIONAL PIN DESCRIPTION
Name
Description
VCC
Unregulated supply voltage input, ranging from +4V to 6.0V for internal analog control circuitry.
VPWR
Unregulated supply voltage for PMOSFET drain to drive the switch pin.
FB
Feedback input for setting programming output voltage.
GND
Circuit ground providing bias for IC operation and high frequency gate drive bias.
SW
Inductor and commutation diode connection point. Connects to internal PMOSFET source.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com