Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5535E1GL Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD5535E1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5535E1GL Datasheet(HTML) 3 Page - Leadtrend Technology

  LD5535E1GL Datasheet HTML 1Page - Leadtrend Technology LD5535E1GL Datasheet HTML 2Page - Leadtrend Technology LD5535E1GL Datasheet HTML 3Page - Leadtrend Technology LD5535E1GL Datasheet HTML 4Page - Leadtrend Technology LD5535E1GL Datasheet HTML 5Page - Leadtrend Technology LD5535E1GL Datasheet HTML 6Page - Leadtrend Technology LD5535E1GL Datasheet HTML 7Page - Leadtrend Technology LD5535E1GL Datasheet HTML 8Page - Leadtrend Technology LD5535E1GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LD5535E1/A1
10/05/2017
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5535E1/A1-DS-00 October 2017
Block Diagram
Int.OSC
COMP
CS
OUT
internal bias &
Vref
PWM
Comparator
VUVLO(ON)/
VUVLO(OFF)
Green-Mode
Control
1.5R
1R
R
S
Q
PG
Slope
Compensation
VCC
VCS_off
VCOMP_OLP
OCP
Comparator
OLP
Comparator
Protection
OVP
UVLO
Comparator
Driver
Stage
OVP
Comparator
Protection
PG
VCOMP_OP
OLP
VBIAS
GND
OTP
PG
OTP
Shutdown
Logic
OVP
Leading Edge Blanking
OLP Delay
Counter
VCC-OVP
+
-
Int. OTP
100uA
1.05V / 0.95V
+
-
Ext. OTP
VBIAS
SDSP
SDSP
CS OVP
CS OVP
VCSOVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com