Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC16B Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LC16B Datasheet HTML 16Page - Microchip Technology 24LC16B Datasheet HTML 17Page - Microchip Technology 24LC16B Datasheet HTML 18Page - Microchip Technology 24LC16B Datasheet HTML 19Page - Microchip Technology 24LC16B Datasheet HTML 20Page - Microchip Technology 24LC16B Datasheet HTML 21Page - Microchip Technology 24LC16B Datasheet HTML 22Page - Microchip Technology 24LC16B Datasheet HTML 23Page - Microchip Technology 24LC16B Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2003 Microchip Technology Inc.
DS21703D-page 21
24AA16/24LC16B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
24AA16:
=
1.8V, 16 Kbit I2C Serial EEPROM
24AA16T:
=
1.8V, 16 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC16B:
=
2.5V, 16 Kbit I2C Serial EEPROM
24LC16BT: =
2.5V, 16 Kbit I2C Serial EEPROM
(Tape and Reel)
Tempera-
ture
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
OT
=
SOT-23, 5-lead (Tape and Reel only)
Lead Finish
Blank =
Standard 63% / 37% SnPb
G
=
Pb-free (Matte Tin - Pure Sn)
Examples:
a)
24AA16-I/P: Industrial Temperature,1.8V,
PDIP package
b)
24AA16-I/SN: Industrial Temperature,1.8V,
SOIC package
c)
24AA16T-I/OT: Industrial Temperature,
1.8V, SOT-23 package, Tape and Reel
d)
24LC16B-I/P: Industrial Temperature, 2.5V,
PDIP package
e)
24LC16B-E/SN: Automotive Temp.,2.5V
SOIC package
f)
24LC16BT-I/OT: Industrial Temperature,
2.5V, SOT-23 package, Tape and Reel
g)
24LC16B-I/PG: Industrial Temperature,
2.5V, PDIP package, Pb-free
h)
24LC16BT-I/SNG: Industrial Temperature,
2.5V, SOIC package, Tape and Reel,
Pb-free
X
Lead Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com