Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5762E Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5762E Datasheet HTML 9Page - Leadtrend Technology LD5762E Datasheet HTML 10Page - Leadtrend Technology LD5762E Datasheet HTML 11Page - Leadtrend Technology LD5762E Datasheet HTML 12Page - Leadtrend Technology LD5762E Datasheet HTML 13Page - Leadtrend Technology LD5762E Datasheet HTML 14Page - Leadtrend Technology LD5762E Datasheet HTML 15Page - Leadtrend Technology LD5762E Datasheet HTML 16Page - Leadtrend Technology LD5762E Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LD5762E/A
11/09/2017
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
more than 50%. To stabilize the control loop, the slope
compensation is required in the traditional UC384X
design by injecting the ramp signal from the RT/CT pin
through a coupling capacitor. LD5762E/A has internal
slope compensation circuit to simplify the external circuit
design.
Oscillator and Switching Frequency
The LD5762E/A has the switching frequency between
65 kHz ±4kHz internally to optimize its performance in
EMI,
thermal
treatment,
component
sizes
and
transformer design.
Dual-Oscillator Green-Mode Operation
Many different topologies have been implemented in
different chips for the green-mode or power saving
requirements
such
as
“burst-mode
control
”,
“skipping-cycle mode”, “variable off-time control “…etc.
The basic operation theory of all these approaches
intended to reduce the switching cycles under light-load
or no-load condition either by skipping some switching
pulses or reducing the switching frequency.
By using LD proprietary dual-oscillator technique, the
green-mode frequency can be well controlled and
further to avoid the generation of audible noise.
Frequency Swapping
The LD5762E/A is built in with frequency swapping
function, which makes it easy for the power supply
designers to optimize EMI performance and system
cost.
On/Off Control
Pulling COMP pin below VZDC will immediately disable
the gate output of LD5762E/A. Remove the pull-low
signal to reset it.
Over Current Protection (OCP) - Auto
Recovery
Auto recovery of smart OCP protection is the feature of
LD5762E/A. Fig. 13 shows the waveform under fault
condition. The feedback system will force the voltage
loop toward the saturation and thus pull the voltage high
across COMP pin (VCOMP). When the VCOMP ramps
up and achieves the OCP threshold of 4.6V, staying for
longer than OCP delay time, the protection will be
activated. The delay time prevents the false-triggering
during power-on, turn-off transient.
VCC
UVLO(ON)
UVLO(OFF)
t
t
COMP
OCP
VOCP
t
OUT
OCP Delay Time
Switching
Switching
Non-Switching
OCP trip Level
2nd UVLO(OFF)
OCP Counter Reset
BNO
Detecting
Fig. 13
Over Voltage Protection on VCC (OVP)
–
Auto Recovery for LD5762E
The VGS ratings of the nowadays power MOSFETs are
mostly with 28.5V maximum. To protect the VGS from
the fault condition, LD5762E/A is implemented with OVP
function on VCC. As the VCC voltage is larger than the
OVP threshold voltage, the output gate drive circuit will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com