Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592S Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7592S
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592S Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7592S Datasheet HTML 1Page - Leadtrend Technology LD7592S Datasheet HTML 2Page - Leadtrend Technology LD7592S Datasheet HTML 3Page - Leadtrend Technology LD7592S Datasheet HTML 4Page - Leadtrend Technology LD7592S Datasheet HTML 5Page - Leadtrend Technology LD7592S Datasheet HTML 6Page - Leadtrend Technology LD7592S Datasheet HTML 7Page - Leadtrend Technology LD7592S Datasheet HTML 8Page - Leadtrend Technology LD7592S Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LD7592S
05/08/2018
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592S-DS-00 May 2018
Pin Configuration
YY:
Year code
WW:
Week code
PP:
Production code
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
SOP-8 & DIP-8 (TOP VIEW)
Ordering Information
Part number
Package
Top Mark
Shipping
LD7592S GS
SOP-8
Green package
LD7592SGS
2500 /tape & reel
LD7592S GN
DIP-8
Green package
LD7592SGN
3600 /tube /carton
The LD7592S is RoHs compliant/ green packaged.
Protection Mode
Part number
VCC_OVP
OCP
OVP
OTP
LD7592S
Auto-Restart
Cycle by Cycle
Auto-Recovery
Auto-Restart
Pin Descriptions
Pin
NAME
FUNCTION
1
INV
Output voltage feedback control
2
RAMP
Ramp generator, connecting a resistor to GND pin to set the saw tooth signal
3
COMP
Output of the error amplifier for voltage loop compensation to achieve stable
4
CS
This pin is the input of the zero current detection and over-current protection
comparator
5
OVP
The OVP pin is used to detect PFC output over-voltage when the INV pin
information is not correct
6
GND
Ground
7
OUT
Gate drive output to drive the external MOSFET
8
VCC
Supply voltage pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com