Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592SGS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7592SGS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592SGS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7592SGS Datasheet HTML 1Page - Leadtrend Technology LD7592SGS Datasheet HTML 2Page - Leadtrend Technology LD7592SGS Datasheet HTML 3Page - Leadtrend Technology LD7592SGS Datasheet HTML 4Page - Leadtrend Technology LD7592SGS Datasheet HTML 5Page - Leadtrend Technology LD7592SGS Datasheet HTML 6Page - Leadtrend Technology LD7592SGS Datasheet HTML 7Page - Leadtrend Technology LD7592SGS Datasheet HTML 8Page - Leadtrend Technology LD7592SGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LD7592S
05/08/2018
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592S-DS-00 May 2018
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V ~ 30V
OUT
Note2~ VCC +0.3V
COMP, INV, RAMP, OVP
-0.3V ~ 6V
CS
Note1~ 6V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOP-8,
JA)
160
C/W
Package Thermal Resistance (DIP-8,
JA)
100
C/W
Power Dissipation (SOP-8, at Ambient Temperature = 85
C)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
C)
400mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Gate Output Current
900mA/-1200mA
Caution:
Stresses beyond the ratings specified in
“Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied.
Note1: When CS pin voltage < 0V ~ -2V, the current of ICS must be < 100mA in 10ms.
Note2: When OUT pin voltage < -0.3V ~ -1V, the current of IOUT must be < 20mA in 1s and the pin has to connect a resistor with the
values between 47Ω~150Ω in series.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
VCC pin capacitor
22
47
F
COMP pin capacitor
0.1
4.7
F
RAMP pin resistor
4.7
100
k
Current Sense resistor, RSNS
1
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com