Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9162KGS Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD9162KGS
Description  Primary Side Quasi-Resonant Controller with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9162KGS Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD9162KGS Datasheet HTML 9Page - Leadtrend Technology LD9162KGS Datasheet HTML 10Page - Leadtrend Technology LD9162KGS Datasheet HTML 11Page - Leadtrend Technology LD9162KGS Datasheet HTML 12Page - Leadtrend Technology LD9162KGS Datasheet HTML 13Page - Leadtrend Technology LD9162KGS Datasheet HTML 14Page - Leadtrend Technology LD9162KGS Datasheet HTML 15Page - Leadtrend Technology LD9162KGS Datasheet HTML 16Page - Leadtrend Technology LD9162KGS Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD9162K
03/10/2021
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9162K-DS-00 March 2021
Fig. 18
OVP (Over Voltage Protection) on VCC
–
Auto Recovery
LD9162K is implemented with OVP function over VCC.
As the VCC voltage rises over the OVP threshold voltage,
the output drive circuit will be shutdown simultaneously to
stop the switching of the power MOS until the next UVLO
(on) arrives. The VCC OVP function of LD9162K is an
auto-recovery type protection. The Fig. 19 shows its
operation. On the other hand, if the OVP condition is
removed, the VCC level will get back to normal level and
the output
will automatically return to the normal
operation.
Fig. 19
Brown-In/ Brown-Out Protection (BNI/BNO)
and Bulk Cap OVP
– Auto Recovery
The
LD9162K
integrates
the
brown
in,
brownout
protection and valley detection into FB pin. The auxiliary
voltage reflects a proportional bulk voltage during the on
time. Fix the internal current at the BNI, BNO and
BULK_OVP, the BNI level could be set by modulating the
FB divided resistors and auxiliary voltage, as shown in Fig.
13. For preventing the abnormal condition of line voltage
to causing damage, BNO function is implemented, while
turns off the gate signal after de-bounce time 70ms as
BNO occurring, as shown in Fig. 20. The BULK_OVP is
implemented as shown in Fig. 21. The gate signal will be
turned off after de-bounce time 450ms, while IBULK_OVP is
tripped. If VBULK over VDC_BULK_OVP before start up then
de-bounce time is 5ms. The relationship of input voltage
and BNI/BNO and BULK_OVP is as follows.
VDC_BNI =
NP
Na
∙ IBNI ∙ Ra
VDC_BNO =
NP
Na
∙ IBNO ∙ Ra
VDC_BULK_OVP =
NP
Na
∙ IBULK_OVP ∙ Ra
VCC
UVLO(on)
UVLO(off)
t
t
VCS
OLP
t
Drain
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
Drain
Switching
Switching
Non-Switching
OVP Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com