Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535C Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD9535C
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535C Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD9535C Datasheet HTML 9Page - Leadtrend Technology LD9535C Datasheet HTML 10Page - Leadtrend Technology LD9535C Datasheet HTML 11Page - Leadtrend Technology LD9535C Datasheet HTML 12Page - Leadtrend Technology LD9535C Datasheet HTML 13Page - Leadtrend Technology LD9535C Datasheet HTML 14Page - Leadtrend Technology LD9535C Datasheet HTML 15Page - Leadtrend Technology LD9535C Datasheet HTML 16Page - Leadtrend Technology LD9535C Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD9535C
09/21/2020
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535C-DS-00 September 2020
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
2.8V
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 17
Over Voltage Protection on FB Pin (FB
OVP)
– Auto Recovery
An output overvoltage protection is implemented in the
LD9535C. The auxiliary winding voltage can be
reflected from secondary winding, in which the FB pin
voltage is proportional to output voltage during the gate
off time. OVP is worked by sensing the auxiliary voltage
via the divided resistors R2, refereeing to Fig. 18. The
equation of FB OVP is shown as follows.
R2 =
R1 ∙ VFB_OVP
Va − VFB_OVP
Va =
Na
NS
VO + VF
VFB_OVP is the FB pin OVP trip voltage level. Va is the
auxiliary winding voltage which reflects from the forward
voltage VF of Schottky diode and output voltage VO. NS
is turns ration of secondary-side winding.
If VFB overs the FB OVP trip level, the internal counter
starts counting 8 cycles, and then LD9535C goes to
auto-recovery protection mode till the FB OVP status is
defused.
Fig. 18
Output Short Circuit Protection (OSCP)
–
Auto Recovery
The OSCP function can prevent the damage from
output short circuit. Once the output is shorted, Vo and
VCC drop immediately,
which always reflects the
auxiliary winding during the gate off region. Therefore,
as VFB is lower than 0.8V during gate off region, then the
FB_UVP is triggered, and skips one cycle. According to
the close loop control, COMP voltage will pull high in the
meanwhile. If the VCOMP pulls higher than 2.8V over
15 ms and Vcc drops below 9.6V. At this time, the OSCP
protection will be triggered and turn off the gate driving.
Oscillator and Switching Frequency
The LD9535C is implemented with frequency swapping
function which helps the power supply designers to both
optimize EMI performance and lower system cost.
Green Mode Operation
By
using
the
green-mode
control,
the
switching
frequency can be reduced under the light load condition.
This feature helps to improve the efficiency in light load
conditions.
The
green-mode
control
is
Leadtrend
Technology
’s own property.
Fault Protection
There are several critical protections integrated in the
LD9535C to prevent from damage to the power supply.
Those damages usually come from open or short
conditions on the pins of LD9535C.
LD9535C
R1
R2
VCC
FB
GND
Va
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com