Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5250CDB Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX5250CDB
Description  9-Line Multimode SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5250CDB Datasheet(HTML) 7 Page - Microsemi Corporation

  LX5250CDB Datasheet HTML 1Page - Microsemi Corporation LX5250CDB Datasheet HTML 2Page - Microsemi Corporation LX5250CDB Datasheet HTML 3Page - Microsemi Corporation LX5250CDB Datasheet HTML 4Page - Microsemi Corporation LX5250CDB Datasheet HTML 5Page - Microsemi Corporation LX5250CDB Datasheet HTML 6Page - Microsemi Corporation LX5250CDB Datasheet HTML 7Page - Microsemi Corporation LX5250CDB Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2002
Rev. 1.2b, 2005-08-29
LX5250/5252
9-Line Multimode SCSI Terminator
PRODUCTION DATA SHEET
TM
®
MECHANICAL DRA WINGS
DB
36-Pin Quarter Size Outline Package (QSOP)
G
E
D
A
C
M
E P
B
F
L
118
19
36
H
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
2.14
2.54
0.084
0.100
B
0.29
0.51
0.011
0.020
C
0.23
0.32
0.009
0.0125
D
15.20
15.40
0.598
0.606
E
7.40
7.60
0.291
0.299
F
0.80 BSC
0.031 BSC
G
0.10
0.30
0.004
0.012
H
2.44
2.64
0.096
0.104
L
0.51
1.01
0.020
0.040
M
0°
8°
0°
8°
P
10.11
10.51
0.398
0.004
*LC
−
0.10
−
0.004
*Lead Coplanarity
PW
28-Pin Thin Small Shrink Outline (TSSOP)
C
1
2
3
P
D
E
F
A
G
H
L
B
M
SEATING PLANE
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.85
0.95
0.033
0.037
B
0.19
0.30
0.007
0.012
C
0.09
0.20
0.003
0.008
D
9.60
9.80
0.378
0.390
E
4.30
4.50
0.169
.176
F
0.65 BSC
0.025 BSC
G
0.05
0.15
0.002
0.005
H
–
1.10
–
0.043
L
0.50
0.75
0.020
0.030
M
0°
8°
0°
8°
P
6.25
6.50
0.246
0.256
*LC
–
0.10
–
0.004
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com