Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4046B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4046B
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4046B_01 Datasheet HTML 1Page - STMicroelectronics HCF4046B_01 Datasheet HTML 2Page - STMicroelectronics HCF4046B_01 Datasheet HTML 3Page - STMicroelectronics HCF4046B_01 Datasheet HTML 4Page - STMicroelectronics HCF4046B_01 Datasheet HTML 5Page - STMicroelectronics HCF4046B_01 Datasheet HTML 6Page - STMicroelectronics HCF4046B_01 Datasheet HTML 7Page - STMicroelectronics HCF4046B_01 Datasheet HTML 8Page - STMicroelectronics HCF4046B_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HCF4046B
4/12
Figure 3 : Typical Waveforms for CMOS Phase-locked Loop Employing Phase Comparator II In Locked
Condition
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
PHASE PULSES
Phase Comparator
Pulse Output
2
PHASE COMP I
OUT
Phase Comparator 1
Output
3
COMPARATOR IN
Comparator Input
4
VCO OUT
VCO Output
5
INHIBIT
Inhibit Input
6, 7
C1
Capacitors
9
VCO IN
VCO Input
10
DEMODULATOR
OUT
Demodulator Output
11
R1 TO VSS
Resistor R1 Connection
12
R2 TO VSS
Resistor R2Connection
13
PHASE COMP II
OUT
Phase Comparator 2
Output
14
SIGNAL IN
Signal Input
15
ZENER
Diode Zener
8VSS
Negative Supply
Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com