Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-89 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-89
Description  Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-89 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-89 Datasheet HTML 13Page - Power Integrations, Inc. EPR-89 Datasheet HTML 14Page - Power Integrations, Inc. EPR-89 Datasheet HTML 15Page - Power Integrations, Inc. EPR-89 Datasheet HTML 16Page - Power Integrations, Inc. EPR-89 Datasheet HTML 17Page - Power Integrations, Inc. EPR-89 Datasheet HTML 18Page - Power Integrations, Inc. EPR-89 Datasheet HTML 19Page - Power Integrations, Inc. EPR-89 Datasheet HTML 20Page - Power Integrations, Inc. EPR-89 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
08-Nov-2005
EP-89 6.2 V, 322 mA Adapter
Nameplate
Output (PO)
Minimum Efficiency in Active Mode
of Operation
< 1 W
0.49
× PO
≥ 1 W to ≤ 49 W
0.09
× ln (PO) + 0.49 [ln = natural log]
> 49 W
0.84 W
For adapters that are rated for a single input voltage, the efficiency measurements are
made at the input voltage (115 VAC or 230 VAC) specified on the nameplate. For
universal input adapters, the measurements are made at both nominal input voltages
(115 VAC and 230 VAC).
To comply with the standard, the average of the measured efficiencies must be greater
than or equal to the efficiency specified by the CEC/Energy Star standard.
More states within the USA and other countries are adopting this standard, for the latest
up to date information on worldwide energy efficiency standards, please visit the PI
Green Room at:
http://www.powerint.com/greenroom/regulations.htm
9.2
No-load Input Power
0
0.02
0.04
0.06
0.08
0.1
0.12
0
50
100
150
200
250
300
Input Voltage (VAC)
Figure 8 –
No-load Input Power vs. Input Line Voltage, Room Temperature, 60 Hz.
Page 17 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com