Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4046B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4046B
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046B Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4046B Datasheet HTML 1Page - STMicroelectronics HCF4046B Datasheet HTML 2Page - STMicroelectronics HCF4046B Datasheet HTML 3Page - STMicroelectronics HCF4046B Datasheet HTML 4Page - STMicroelectronics HCF4046B Datasheet HTML 5Page - STMicroelectronics HCF4046B Datasheet HTML 6Page - STMicroelectronics HCF4046B Datasheet HTML 7Page - STMicroelectronics HCF4046B Datasheet HTML 8Page - STMicroelectronics HCF4046B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HCF4046B
3/12
p-type output driver is maintained ON for a time
corresponding
to
the
phase
difference.
Subsequently,
the
capacitor
voltage
of
the
low-pass filter connected to this phase comparator
is adjusted until the signal and comparator inputs
are equal in both phase and frequency. At this
stable point both p- and n-type output drivers
remain OFF and thus the phase comparator
output becomes an open circuit and holds the
voltage on the capacitor of the low-pass filter
constant. Moreover the signal at the "phase
pulses" output is a high level which can be used
for indicating a locked condition. Thus, for phase
comparator II, no phase difference exists between
signal and comparator input over the full VCO
frequency range. Moreover, the power dissipation
due to the low-pass filter is reduced when this type
of phase comparator is used because both the p-
and n-type output drivers are OFF for most of the
signal input cycle. It should be noted that the PLL
lock range for this type of phase comparator is
equal to the capture range, independent of the
low-pass filter. With no signal present at the signal
input, the VCO is adjusted to its lowest frequency
for phase comparator II. Fig.3 shows typical
waveforms for a CMOS PLL employing phase
comparator II in a locked condition.
Figure 1 : Phase-Comparator I Characteristics at Low-Pass Filter Output.
Figure 2 : Typical Waveforms for CMOS Phase Locked-Loop Employing Phase Comparator I in Locked
Condition of fo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com