Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4046BM1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4046BM1
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046BM1 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4046BM1 Datasheet HTML 1Page - STMicroelectronics HCF4046BM1 Datasheet HTML 2Page - STMicroelectronics HCF4046BM1 Datasheet HTML 3Page - STMicroelectronics HCF4046BM1 Datasheet HTML 4Page - STMicroelectronics HCF4046BM1 Datasheet HTML 5Page - STMicroelectronics HCF4046BM1 Datasheet HTML 6Page - STMicroelectronics HCF4046BM1 Datasheet HTML 7Page - STMicroelectronics HCF4046BM1 Datasheet HTML 8Page - STMicroelectronics HCF4046BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HCF4046B
2/12
VCO Section
The VCO requires one external capacitor C1 and
one or two external resistors (R1 or R1 and R2).
Resistor R1 and capacitor C1 determine the
frequency range of the VCO and resistor R2
enables the VCO to have a frequency offset if
required. The high input impedance (1012
Ω) of the
VCO simplifiers the design of low-pass filters by
permitting
the
designer
a
wide
choice
of
resistor-to-capacitor ratios. In order not to load the
low-pass filter, a source-follower output of the
VCO input voltage is provided at terminal 10
(DEMODULATED OUTPUT). If this terminal is
used, a load resistor (RS) of 10 KΩ or more should
be connected from this terminal to VSS. If unused
this terminal should be left open. The VCO can be
connected either directly or through frequency
dividers to the comparator input of the phase
comparators. A full CMOS logic swing is available
at the output of the VCO and allows direct
coupling to CMOS frequency dividers such as the
HCF4024B, HCF4018B, HCF4020B, HCF4022B,
HCF4029B
and
HBF4059A.
One
or
more
HCF4018B (Presettable Divide-by-N Counter) or
HCF4029B (Presettable Up/Down Counter), or
HBF4059A
(Programmable
Divide-by-"N"
Counter),
together
with
the
HCF4046B
(Phase-Locked Loop) can be used to build a
micropower low-frequency synthesizer. A logic 0
on the INHIBIT input "enables" the VCO and the
source follower, while a logic 1 "turns off" both to
minimize stand-by power consumption.
Phase Comparators
The phase-comparator signal input (terminal 14)
can be direct-coupled provided the signal swing is
within CMOS logic levels [logic "0"
≤ 30% of
(VDD-VSS), logic "1" ≥ 70% of (VDD-VSS)]. For
smaller swings the signal must be capacitively
coupled to the self-biasing amplifier at the signal
input. Phase comparator I is an exclusive-OR
network; it operates analagously to an over-driven
balanced mixer. To maximize the lock range, the
signal-and comparator-input frequencies must
have a 50% duty cycle. With no signal or noise on
the signal input, this phase comparator has an
average output voltage equal to VDD/2. The
low-pass filter connected to the output of phase
comparator I supplies the averaged voltage to the
VCO input, and causes the VCO to oscillate at the
center frequency (fo). The frequency range of
input signals on which the PLL will lock if it was
initially out of lock is defined as the frequency
capture range (2 fC). The frequency range of input
signals on which the loop will stay locked if it was
initially in lock is defined as the frequency lock
range (2 fL). The capture range is ≤ the lock range.
With phase comparator I the range of frequencies
over which the PLL can acquire lock (capture
range)
is
dependent
on
the
low-pass-filter
characteristics, and can be made as large as the
lock range. Phase-comparator I enables a PLL
system to remain in lock in spite of high amounts
of noise in the input signal. One characteristic of
this type of phase comparator is that it may lock
onto input frequencies that are close to harmonics
of
the
VCO
center-frequency.
A
second
characteristic is that the phase angle between the
signal and the comparator input varies between 0°
and 180°, and is 90° at the center frequency. Fig.1
shows the typical, triangular, phase-to-output
response characteristic of phase-comparator I.
Typical
waveforms
for
a
CMOS
phase-locked-loop employing phase comparator I
in locked condition of fo is shown in fig.2.
Phase-comparator II is an edge-controlled digital
memory network. It consists of four flip-flop
stages,
control
gating,
and
a
three-stage
output-circuit comprising p- and n-type drivers
having a common output node. When the p-MOS
or n-MOS drivers are ON they pull the output up to
VDD or down to VSS, respectively. This type of
phase comparator acts only on the positive edges
of the signal and comparator inputs. The duty
cycles of the signal and comparator inputs are not
important since positive transitions control the PLL
system utilizing this type of comparator. If the
signal-input
frequency
is
higher
than
the
comparator-input frequency, the p-type output
driver is maintained ON most of the time, and both
the n- and p-drivers OFF (3 state) the remainder of
the time. If the signal-input frequency is lower than
the comparator-input frequency, the n-type output
driver is maintained ON most of the time, and both
the n- and p-drivers OFF (3 state) the remainder of
the time. If the signal and comparator-input
frequencies are the same, but the signal input lags
the comparator input in phase, the n-type output
driver is maintained ON for a time corresponding
to the phase difference. If the signal and
comparator-input frequencies are the same, but
the comparator input lags the signal in phase, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com