Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20H100C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20H100C
Description  High voltage power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20H100C Datasheet HTML 1Page - STMicroelectronics STPS20H100C Datasheet HTML 2Page - STMicroelectronics STPS20H100C Datasheet HTML 3Page - STMicroelectronics STPS20H100C Datasheet HTML 4Page - STMicroelectronics STPS20H100C Datasheet HTML 5Page - STMicroelectronics STPS20H100C Datasheet HTML 6Page - STMicroelectronics STPS20H100C Datasheet HTML 7Page - STMicroelectronics STPS20H100C Datasheet HTML 8Page - STMicroelectronics STPS20H100C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS20H100C
Characteristics
3/11
To evaluate the conduction losses use the following equation:
P = 0.55 x IF(AV) + 0.009 IF
2
(RMS)
Table 3.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,
δ < 2%
Reverse leakage current
Tj = 25° C
VR = VRRM
4.5
µA
Tj = 125° C
2
6
mA
VF
(2)
2.
Pulse test: tp = 380 µs,
δ < 2%
Forward voltage drop
Tj = 25° C
IF = 8 A
0.71
V
Tj = 25° C
IF = 10 A
0.77
Tj = 25° C
IF = 16 A
0.81
Tj = 25° C
IF = 20 A
0.88
Tj = 125° C
IF = 8 A
0.56
0.58
Tj = 125° C
IF = 10 A
0.59
0.64
Tj = 125° C
IF = 16 A
0.65
0.68
Tj = 125° C
IF = 20 A
0.67
0.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com