Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKS604P Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # PKS604P
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PKS604P Datasheet(HTML) 2 Page - Power Integrations, Inc.

  PKS604P Datasheet HTML 1Page - Power Integrations, Inc. PKS604P Datasheet HTML 2Page - Power Integrations, Inc. PKS604P Datasheet HTML 3Page - Power Integrations, Inc. PKS604P Datasheet HTML 4Page - Power Integrations, Inc. PKS604P Datasheet HTML 5Page - Power Integrations, Inc. PKS604P Datasheet HTML 6Page - Power Integrations, Inc. PKS604P Datasheet HTML 7Page - Power Integrations, Inc. PKS604P Datasheet HTML 8Page - Power Integrations, Inc. PKS604P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PKS603-607
Rev. I 10/06
2
Figure 2. Functional Block Diagram.
Figure 3. Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
The power MOSFET drain connection provides internal
operatingcurrentforbothstartupandsteady-stateoperation.
BYPASS (BP) Pin:
A0.33µFexternalbypasscapacitorfortheinternallygenerated
5.8Vsupplyisconnectedtothispin.Intypicalapplications,
thispinmustbeexternallysuppliedviaabiaswinding.
ENABLE/UNDER-VOLTAGE (EN/UV) Pin:
Thispinhasdualfunctions:enableinputandlineunder-voltage
sense.Duringnormaloperation,switchingofthepowerMOSFET
iscontrolledbythispin.MOSFETswitchingisdisabledwhena
currentgreaterthan240µAisdrawnfromthispin.Thispinmay
also sense line under-voltage conditions through either an
externalresistorconnectedtotheDClinevoltageoranAC
sensecircuit.
SOURCE (S) Pin:
ThisistheMOSFETsourceconnectionforhighvoltagereturn
andcontrolcircuitcommon.
PI-3940-040606
CLOCK
OSCILLATOR
5.8 V
4.8 V
GROUND (GND)
(Y & F Package
Only)
SOURCE
(S)
S
R
Q
DCMAX
BYPASS
(BP)
+
-
VI
LIMIT
FAULT
PRESENT
CURRENT LIMIT
COMPARATOR
ENABLE
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
(D)
REGULATOR
5.8 V
BYPASS PIN
UNDER-VOLTAGE
1.0 V + VT
ENABLE/
UNDER-
VOLTAGE
(EN/UV)
Q
240
µA
25
µA
LINE UNDER-VOLTAGE
RESET
LATCH OFF/
AUTO-
RESTART
COUNTER
ON TIME EXT
JITTER
1.0 V
6.3 V
CURRENT
LIMIT STATE
MACHINE/
ADAPTIVE
CURRENT
LIMIT
PI-3941-031506
Tab Internally
Connected to
SOURCE Pin
Y Package (TO-220-7C)
D
S
EN/UV
S
S
1 BP
3 EN/UV
2 GND
5 NC
4 S
7 D
1 BP
3 EN/UV
2 GND
5 NC
4 S
7 D
BP
P Package (DIP-8C)
F Package (TO-262-7C)
8
5
7
1
4
2
S
6
GROUND (GND) Pin (Y or F Package Only):
This is the signal ground for the bypass capacitor and
optocoupler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com