Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDR-131 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # RDR-131
Description  Reference Design Report for 3 W Non- Isolated Constant Current LED Driver Using LNK306DN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RDR-131 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button RDR-131 Datasheet HTML 16Page - Power Integrations, Inc. RDR-131 Datasheet HTML 17Page - Power Integrations, Inc. RDR-131 Datasheet HTML 18Page - Power Integrations, Inc. RDR-131 Datasheet HTML 19Page - Power Integrations, Inc. RDR-131 Datasheet HTML 20Page - Power Integrations, Inc. RDR-131 Datasheet HTML 21Page - Power Integrations, Inc. RDR-131 Datasheet HTML 22Page - Power Integrations, Inc. RDR-131 Datasheet HTML 23Page - Power Integrations, Inc. RDR-131 Datasheet HTML 24Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
7-Mar-07
RDR-131 LED Driver – LNK306DN
Page 21 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.1 Competitive Product EMI
Figure 21
– Conducted EMI at 115VAC of competitive product.
This result was taken to demonstrate the poor EMI performance of similarly rated LED
drivers on the market.
Power Integrations
1 QP
CLRWR
2 AV
CLRWR
SGL
TDF
dBµV
dBµV
RBW
9 kHz
MT
100 ms
PREAMP OFF
Att 10 dB AUTO
01.Feb 07 08:52
150 kHz
30 MHz
1 MHz
10 MHz
-20
-10
0
10
20
30
40
50
60
70
80
90
100
LIMIT CHECK
FAIL
LINE EN55022A FAIL
LINE EN55022Q FAIL
1
Marker 1 [T1 ]
89.31 dBµV
182.849162999 kHz
EN55022A
EN55022Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com