Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TG Datasheet(PDF) 44 Page - STMicroelectronics

Part # M45PE10-VMP6TG
Description  1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10-VMP6TG Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M45PE10-VMP6TG Datasheet HTML 37Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 38Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 39Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 40Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 41Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 42Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 43Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 44Page - STMicroelectronics M45PE10-VMP6TG Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Revision history
M45PE10
44/45
13
Revision history
Table 18.
Document revision history
Date
Version
Changes
29-Apr-2003
1.0
Document written
04-Jun-2003
1.1
Description corrected of entering Hardware Protected mode (W must be
driven, and cannot be left unconnected).
04-Dec-2003
1.2
VIO(min) extended to –0.6V, tPW(typ) and tPP(typ) improved. Table of
contents, warning about exposed paddle on MLP8, and Pb-free options
added. Change of naming for VDFPN8 package.
25-Jun-2004
1.3
Soldering temperature information clarified for RoHS compliant devices.
Device Grade clarified.
22-Sep-2004
2.0
Document promoted to Preliminary Data. Minor wording changes
08-Oct-2004
3.0
Document promoted to Mature Datasheet. No other changes
4-Oct-2005
4.0
Added AC characteristics (33 MHz operation). An easy way to modify
data, A fast way to modify data, Page Write (PW) and Page Program
(PP) sections updated to explain optimal use of Page Write and Page
Program instructions. Updated ICC3 values in Table 11: DC
characteristics. Updated Table 17: Ordering information scheme. Added
ECOPACK® information.
02-Feb-2007
5
Document reformatted. 50 MHz frequency added (Table 14 added).
VCC supply voltage and VSS ground descriptions added.
Figure 4: SPI modes supported modified and explanatory text added.
VIO max modified in Table 7: Absolute maximum ratings.
At Power-up, The Write In Progress (WIP) bit is reset.
tSHQZ end timing line modified in Figure 22: Output timing.
Blank option removed below Plating technology in Table 17: Ordering
information scheme. Small text changes.
Package specifications updated (see Section 11: Package mechanical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com