Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

170 Datasheet(PDF) 2 Page - Bi technologies

Part # 170
Description  Custom Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

170 Datasheet(HTML) 2 Page - Bi technologies

  170 Datasheet HTML 1Page - Bi technologies 170 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-14
Model 170
Substrate
Alumina, beryllia, aluminum nitride, aluminum, copper
Interconnect Layers
1 (crossover layers possible)
Interconnect Material
Copper
Die Attach
Solder attached, aluminum & gold wire bonding
Package Construction
Substrate base with plastic frame
ELECTRICAL
Semiconductor Components
BJTs, FETs, Diodes, SCRs, IGBTs
Capacitors
Ceramic and tantalum
Other Components
Resistors, thermisters and various surface mount/solder mount components
MECHANICAL
ENVIRONMENTAL
Custom power modules are typically designed to operate over a temperature range of -40°C to +125°C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com