Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315LAW13F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6315LAW13F
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315LAW13F Datasheet(HTML) 5 Page - STMicroelectronics

  STM6315LAW13F Datasheet HTML 1Page - STMicroelectronics STM6315LAW13F Datasheet HTML 2Page - STMicroelectronics STM6315LAW13F Datasheet HTML 3Page - STMicroelectronics STM6315LAW13F Datasheet HTML 4Page - STMicroelectronics STM6315LAW13F Datasheet HTML 5Page - STMicroelectronics STM6315LAW13F Datasheet HTML 6Page - STMicroelectronics STM6315LAW13F Datasheet HTML 7Page - STMicroelectronics STM6315LAW13F Datasheet HTML 8Page - STMicroelectronics STM6315LAW13F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STM6315
Summary description
5/21
1
Summary description
The STM6315 Microprocessor Reset Circuit is a low power supervisory device used to
monitor power supplies. It performs a single function: asserting a reset signal whenever the
VCC supply voltage drops below a preset value and keeping it asserted until VCC has risen
above the preset threshold for a minimum period of time (trec). It also provides a manual
reset input (MR). The open drain RST output can be pulled up to a voltage higher than VCC,
but less than 6V.
The STM6315 comes with standard factory-trimmed reset thresholds of 2.63V, 2.93V,
3.08V, 4.38V, and 4.63V. The STM6315 is available in the SOT143-4 package.
Figure 1.
Logic diagram
Figure 2.
SOT143-4 connections (top view)
Table 1.
Signal names
Symbol
Description
VCC
Supply voltage
MR
Manual reset input
RST
Active-low open drain reset output
VSS
Ground
AI11162
VCC
STM6315
VSS
RST
MR
1
RST
VCC
VSS
AI11163
2
3
4
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com