Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628 Datasheet(PDF) 2 Page - Bi technologies

Part # 628
Description  220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

628 Datasheet(HTML) 2 Page - Bi technologies

  628 Datasheet HTML 1Page - Bi technologies 628 Datasheet HTML 2Page - Bi technologies 628 Datasheet HTML 3Page - Bi technologies 628 Datasheet HTML 4Page - Bi technologies 628 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
Lead Material
96-96.5%Sn, 3.5-4%Ag
Lead Configuration
Gull Wing
Lead Coplanarity
±0.002 in. (0.051mm)
Substrate Material
Alumina
Resistor Material
Cermet
Body Material
Epoxy
Mechanical
A Circuit (Isolated Resistors)
Bold type represents stock standard values for ‘A’ Circuit
B Circuit (Bussed Resistors)
Bold type represents stock standard values for ‘B’ Circuit
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
22
220
1.2K
122
39K
393
22
220
1.2K
122
39K
393
33
330
1.5K
152
47K
473
33
330
1.5K
152
47K
473
39
390
1.8K
182
56K
563
39
390
1.8K
182
56K
563
47
470
2K
202
68K
683
47
470
2K
202
68K
683
56
560
2.2K
222
82K
823
56
560
2.2K
222
82K
823
68
680
2.7K
272
100K
104
68
680
2.7K
272
100K
104
82
820
3.3K
332
120K
124
82
820
3.3K
332
120K
124
100
101
3.9K
392
150K
154
100
101
3.9K
392
150K
154
120
121
4.7K
472
180K
184
120
121
4.7K
472
180K
184
150
151
5.6K
562
220K
224
150
151
5.6K
562
220K
224
180
181
6.8K
682
270K
274
180
181
6.8K
682
270K
274
220
221
8.2K
822
330K
334
220
221
8.2K
822
330K
334
270
271
10K
103
390K
394
270
271
10K
103
390K
394
330
331
12K
123
470K
474
330
331
12K
123
470K
474
390
391
15K
153
560K
564
390
391
15K
153
560K
564
470
471
18K
183
680K
684
470
471
18K
183
680K
684
560
561
20K
203
820K
824
560
561
20K
203
820K
824
680
681
22K
223
1 Meg
105
680
681
22K
223
1 Meg
105
820
821
27K
273
820
821
27K
273
1K
102
33K
333
1K
102
33K
333
Standard Resistance Values, Ohms
J Circuit (Dual Terminators)
Ohms (R1/R2)
Code (R1/R2)
Marking
Ohms (R1/R2)
Code (R1/R2)
Marking
120/120
121/121
45
330/470
331/471
10
150/150
151/151
40
390/390
391/391
42
180/300
181/301
31
470/470
471/471
43
220/220
221/221
39
1K/3.3K
102/332
35
220/330
221/331
08
3K/6.2K
302/662
13
270/270
221/331
41
6.8K/22K
682/223
29
330/390
331/391
09
-
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com