Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP297FS Datasheet(PDF) 5 Page - Analog Devices

Part # OP297FS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FS Datasheet(HTML) 5 Page - Analog Devices

  OP297FS Datasheet HTML 1Page - Analog Devices OP297FS Datasheet HTML 2Page - Analog Devices OP297FS Datasheet HTML 3Page - Analog Devices OP297FS Datasheet HTML 4Page - Analog Devices OP297FS Datasheet HTML 5Page - Analog Devices OP297FS Datasheet HTML 6Page - Analog Devices OP297FS Datasheet HTML 7Page - Analog Devices OP297FS Datasheet HTML 8Page - Analog Devices OP297FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. E
OP297
–5–
SUPPLY VOLTAGE (V)
1300
800
0
20
5
10
15
1200
1100
1000
900
TA = –55 C
TA = +25 C
TA = +125 C
NO LOAD
TPC 10. Total Supply Current
vs. Supply Voltage
FREQUENCY (Hz)
1000
1
1
1000
10
10
100
10
1
100
100
1000
CURRENT
NOISE
VOLTAGE
NOISE
TA = 25 C
VS = 2V TO 15V
TPC 13. Voltage Noise Density and
Current Noise Density vs. Frequency
TA = +25 C
OUTPUT VOLTAGE (V)
0
–15
RL = 10k
VS = 15V
VCM = 0V
TA = +125 C
TA = –55 C
–10
–5
0
5
15
10
TPC 16. Differential Input
Voltage vs. Output Voltage
FREQUENCY (Hz)
160
40
110
100
1k
10k
100k
1M
140
120
100
80
60
TA = 25 C
VS = 15V
TPC 11. Common-Mode Rejection
Frequency
SOURCE RESISTANCE ( )
10
0.01
107
1
106
105
104
103
102
0.1
TA = 25 C
VS = 2V TO 20V
10Hz
10Hz
1kHz
1kHz
TPC 14. Total Noise Density
vs. Source Resistance
LOAD RESISTANCE ( )
0
10
10k
100
1k
5
10
15
20
25
30
35
TA = 25 C
VS = 15V
AVCL = +1
1%THD
fO = 1kHz
TPC 17. Output Swing vs. Load
Resistance
FREQUENCY (Hz)
160
40
0.1
1
1M
10
100
1k
10k
100k
140
120
TA = 25 C
VS = 15V
VS = 10Vp-p
60
80
100
TPC 12. Power Supply Rejection vs.
Frequency
LOAD RESISTANCE (k )
10000
100
120
1000
510
TA = –55 C
TA = +25 C
TA = +125 C
4
3
2
VS = 15V
VO = 10V
TPC 15. Open-Loop Gain vs.
Load Resistance
FREQUENCY (Hz)
100
100k
1k
10k
0
5
10
15
20
25
30
35
TA = 25 C
VS = 15V
AVCL = +1
1%THD
fO = 1kHz
RL = 10k
TPC 18. Maximum Output
Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com