Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

699 Datasheet(PDF) 2 Page - Bi technologies

Part # 699
Description  Dual In-Line Precision Thin Film Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

699 Datasheet(HTML) 2 Page - Bi technologies

  699 Datasheet HTML 1Page - Bi technologies 699 Datasheet HTML 2Page - Bi technologies 699 Datasheet HTML 3Page - Bi technologies 699 Datasheet HTML 4Page - Bi technologies 699 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-150
Models 694, 698, 699
MECHANICAL
Lead Plating
60/40 Tin Lead (Dipped)
Lead Material
Copper Alloy
Substrate Material
Alumina
Resistor Material
Nichrome
Body Material
Molded Epoxy
R
18
16
R
R
17
14
Model 698
-1 Circuit - Bussed Resistors
18
16
R
17
14
Model 698
Model 699
Model 699
14
8
RR
R
R
-3 Circuit - Isolated Resistors
14
8
R2R
4R 8R
-6 Circuit - Binary
14
8
R 9R 90R 900R
-7 Circuit - Decade
- 3 Circuit - Isolated Resistors
Model 694
SCHEMATICS
Note:
Model 694, -6 & -7 circuits available only in accuracy code B: 0.1% absolute, 0.1% ratio.
ACCURACY CODES
Code
A
B
D
F
Absolute Resistance Tolerances, at 25°C
0.1%
0.1%
0.5%
1.0%
Ratio
0.05%
0.1%
0.1%
0.5%
Temperature Coefficient of Resistance
±50ppm/°C
Temperature Coefficient of Resistance, Tracking
±5ppm/°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com