Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6943R10KB Datasheet(PDF) 3 Page - Bi technologies

Part # 6943R10KB
Description  Dual In-Line Precision Thin Film Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6943R10KB Datasheet(HTML) 3 Page - Bi technologies

  6943R10KB Datasheet HTML 1Page - Bi technologies 6943R10KB Datasheet HTML 2Page - Bi technologies 6943R10KB Datasheet HTML 3Page - Bi technologies 6943R10KB Datasheet HTML 4Page - Bi technologies 6943R10KB Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4
4-151
Models 694, 698, 699
.040
± .010
1.02
± 0.25
Leads 1, 8, 9, & 16
.080
± .020
2.03
± 0.51
.130
± .030
3.30
± 0.76
.010
± .002
0.25
± 0.05
.200
5.08
.300
7.62
Typ.
Max.
.100
± .005
2.54
± 0.13
.018
± .003
0.46
± 0.08
.035
± .015
0.89
± 0.38
Typ.
.060
± .010
1.52
± 0.25
.040
± .010
1.02
± 0.25
.375
± .015
9.53
± 0.38
Leads 1, 4,
5 & 8
.760
± .020
19.3
± 0.51
0
° To 10°
OUTLINE DIMENSIONS (Inch/mm)
APPLICABLE DOCUMENTS
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
Note:
Model 699 dimensions applicable to all models except as noted.
Model 699
Model 699
Model 699



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com